| 전자부품 데이터시트 검색엔진 |
|
74LS48 데이터시트(PDF) 1 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
74LS48 데이터시트(HTML) 1 Page - Motorola, Inc |
|
1 / 3 page ![]() 5-59 FAST AND LS TTL DATA BCD TO 7-SEGMENT DECODER The SN54 / 74LS48 is a BCD to 7-Segment Decoder consisting of NAND gates, input buffers and seven AND-OR-INVERT gates. Seven NAND gates and one driver are connected in pairs to make BCD data and its complement available to the seven decoding AND-OR-INVERT gates. The remaining NAND gate and three input buffers provide lamp test, blanking input/ripple- blanking input for the LS48. The circuit accepts 4-bit binary-coded-decimal (BCD) and, depending on the state of the auxiliary inputs, decodes this data to drive other components. The relative positive logic output levels, as well as conditions required at the auxiliary inputs, are shown in the truth tables. The LS48 circuit incorporates automatic leading and / or trailing edge zero-blanking control (RBI and RBO). Lamp Test (LT) may be activated any time when the BI / RBO node is HIGH. Both devices contain an overriding blanking input (BI) which can be used to control the lamp intensity by varying the frequency and duty cycle of the BI input signal or to inhibit the outputs. • Lamp Intensity Modulation Capability (BI/RBO) • Internal Pull-Ups Eliminate Need for External Resistors • Input Clamp Diodes Eliminate High-Speed Termination Effects 14 13 12 11 10 9 1 2 3 4 5 6 VCC 7 16 15 8 f g a b c d e B C LT BI / RBO RBI D A GND CONNECTION DIAGRAM DIP (TOP VIEW) LOGIC DIAGRAM INPUT BLANKING INPUT OR RIPPLE-BLANKING OUTPUT RIPPLE-BLANKING INPUT LAMP-TEST INPUT A B C D a b c d e f g OUTPUT SN54/74LS48 BCD TO 7-SEGMENT DECODER LOW POWER SCHOTTKY J SUFFIX CERAMIC CASE 620-09 N SUFFIX PLASTIC CASE 648-08 16 1 16 1 ORDERING INFORMATION SN54LSXXJ Ceramic SN74LSXXN Plastic SN74LSXXD SOIC 16 1 D SUFFIX SOIC CASE 751B-03 LOGIC SYMBOL VCC = PIN 16 GND = PIN 8 7 1 2 6 3 5 13 12 11 10 9 15 14 4 A B C D LT RBI a b c d e f g BI/ RBO SN54 / 74LS48 |
유사한 부품 번호 - 74LS48 |
|
유사한 설명 - 74LS48 |