전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FG324 데이터시트(PDF) 21 Page - Microsemi Corporation

부품명 FG324
상세설명  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG324 데이터시트(HTML) 21 Page - Microsemi Corporation

Back Button FG324 Datasheet HTML 17Page - Microsemi Corporation FG324 Datasheet HTML 18Page - Microsemi Corporation FG324 Datasheet HTML 19Page - Microsemi Corporation FG324 Datasheet HTML 20Page - Microsemi Corporation FG324 Datasheet HTML 21Page - Microsemi Corporation FG324 Datasheet HTML 22Page - Microsemi Corporation FG324 Datasheet HTML 23Page - Microsemi Corporation FG324 Datasheet HTML 24Page - Microsemi Corporation FG324 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 162 page
background image
ProASIC3E Flash Family FPGAs
Revision 13
2-7
HSTL (I)
1.5
0.17
2.03
HSTL (II)
1.5
0.17
2.03
SSTL2 (I)
2.5
1.38
4.48
SSTL2 (II)
2.5
1.38
4.48
SSTL3 (I)
3.3
3.21
9.26
SSTL3 (II)
3.3
3.21
9.26
Differential
LVDS/B-LVDS/M-LVDS
2.5
2.26
1.50
LVPECL
3.3
5.71
2.17
Table 2-9 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software Settings 1
CLOAD
(pF)
VCCI
(V)
Static Power
PDC3 (mW)2
Dynamic Power
PAC10 (µW/MHz)3
Single-Ended
3.3 V LVTTL/LVCMOS
35
3.3
–
474.70
3.3 V LVTTL/LVCMOS Wide Range4
35
3.3
–
474.70
2.5 V LVCMOS
35
2.5
–
270.73
1.8 V LVCMOS
35
1.8
–
151.78
1.5 V LVCMOS (JESD8-11)
35
1.5
–
104.55
3.3 V PCI
10
3.3
–
204.61
3.3 V PCI-X
10
3.3
–
204.61
Voltage-Referenced
3.3 V GTL
10
3.3
–
24.08
2.5 V GTL
10
2.5
–
13.52
3.3 V GTL+
10
3.3
–
24.10
2.5 V GTL+
10
2.5
–
13.54
HSTL (I)
20
1.5
7.08
26.22
HSTL (II)
20
1.5
13.88
27.22
SSTL2 (I)
30
2.5
16.69
105.56
SSTL2 (II)
30
2.5
25.91
116.60
Notes:
1. Dynamic power consumption is given for standard load and software default drive strength and output slew.
2. PDC3 is the static power (where applicable) measured on VCCI.
3. PAC10 is the total dynamic power measured on VCC and VCCI.
4. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
Table 2-8 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings (continued)
VMV
(V)
Static Power
PDC2 (mW)1
Dynamic Power
PAC9 (µW/MHz)2
Notes:
1. PDC2 is the static power (where applicable) measured on VMV.
2. PAC9 is the total dynamic power measured on VCC and VMV.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8b specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com