| 전자부품 데이터시트 검색엔진 |
|
TDA7370B 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7370B 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 17 page ![]() ELECTRICAL CHARACTERISTICS (Refer to the test circuit; VS = 14.4V; RL = 4 Ω, Tamb = 25°C, f = 1kHz, unless otherwise specified) Symbol Parameter Test Condition Min. Typ. Max. Unit VS Supply Range 8 18 V Id Total Quiescent Drain Current RL = ∞ 150 mA PO Output Power RL = 4 Ω; THD = 10% Single Ended Bridge 5.5 6.5 20 W W d Distortion RL = 4 Ω; Single Ended, PO = 0.1 to 4W Bridge, PO = 0.1 to 10W 0.03 0.5 % % CT Cross Talk f = 1kHz Bridge f = 10kHz Bridge f = 1kHz Single Ended f = 10kHz Single Ended 65 55 60 50 dB dB dB dB RIN Input Impedance Single Ended Bridge 20 15 K Ω K Ω GV Voltage Gain Single Ended Bridge 20 26 dB dB GV Voltage Gain Match. 1 dB EIN Input Noise Voltage (*) SINGLE ENDED Non Inv. Ch., Rg = 10k Ω Inv. Ch., Rg = 10k Ω BRIDGE (Rg = 0 to 10k Ω) 3.0 5 3.5 µV µV µV SVR Supply Voltage Rejection Rg = 0; f = 100Hz to 10kHz 50 dB ASB Stand-by Attenuation 60 dB ISB ST-BY Current 1 µA VSB ON ST-BY On Threshold Voltage 1.5 V VSB OFF ST-BY Off Threshold Voltage 3.5 V VOS Output Offset Voltage 200 mV ICD OFF Clipping Detector "OFF" Output Average Current THD = 1% (**) 100 µA ICD ON Clipping Detector "ON" Output Average Current THD = 10% (**) 190 µA (*) Weighted A (**) Pin 10 Pulled-up to 5V with 10k Ω; TDA7370B 3/17 Obsolete Product(s) - Obsolete Product(s) |