전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3430 데이터시트(PDF) 41 Page - ams AG

부품명 AS3430
상세설명  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3430 데이터시트(HTML) 41 Page - ams AG

Back Button AS3430 Datasheet HTML 37Page - ams AG AS3430 Datasheet HTML 38Page - ams AG AS3430 Datasheet HTML 39Page - ams AG AS3430 Datasheet HTML 40Page - ams AG AS3430 Datasheet HTML 41Page - ams AG AS3430 Datasheet HTML 42Page - ams AG AS3430 Datasheet HTML 43Page - ams AG AS3430 Datasheet HTML 44Page - ams AG AS3430 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
41 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
10 Application Information
Figure 27. AS3410 High Performance Application in Bridged Mode for High Impedance Headsets
For high impedance headphones two AS3410 can be used in a bridged mode each one driving one side of the headphone load as differential
output to get 24mW output power per channel. Also the microphone inputs can be used in differential mode to reduce the noise level.
Figure 28. AS3400 Feed-Forward ANC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51