| 전자부품 데이터시트 검색엔진 |
|
600R160-R1 데이터시트(PDF) 6 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
600R160-R1 데이터시트(HTML) 6 Page - Littelfuse |
|
6 / 6 page ![]() 112 Revised: July 12, 2010 POLYFUSE® Resettable PTCs © 2010 Littelfuse, Inc. 600R Series Radial Leaded > 600R Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/600R.html for current information. Dimension EIA Mark IEC Mark Dimensions Dim. (mm) Tol. (mm) Carrier tape width WW 18 -0.5 / +1.0 Hold down tape width: W 4 W 0 11 min. Top distance between tape edges W 6 W 2 3 max. Sprocket hole position W 5 W 1 9 -0.5 / +0.75 Sprocket hole diameter* D 0 D 0 4 -0.32 / +0.2 Abscissa to plane(straight lead) HH 18.5 -/+ 3.0 Abscissa to plane(kinked lead) H 0 H 0 16 -/+ 0.5 Abscissa to top H 1 H 1 32.2 max. Overall width w/o lead protrusion C 1 42.5 max. Overall width w/ lead protrusion C 2 43.2 max. Lead protrusion L 1 l 1 1.0 max. Protrusion of cut out LL 11 max. Protrusion beyond hold-down tape l 2 l 2 Not specified Sprocket hole pitch: 600R150 & 600R160 P 0 P 0 25.4 -/+ 0.5 Device pitch: 600R150 & 600R160 25.4 Pitch tolerance 20 consecutive. -/+ 1 Tape thickness tt 0.9 max. Tape thickness with splice t 1 2.0 max. Splice sprocket hole alignment 0 -/+ 0.3 Body lateral deviation Δh Δh 0 -/+ 1.0 Body tape plane deviation Δp Δp 0 -/+ 1.3 Ordinate to adjacent component lead* P 1 P 1 3.81 -/+ 0.7 Lead spacing FF 5.08 -/+ 0.8 Tape and Ammo Specifications Devices taped using EIA468-B/IE286-2 standards. See table below and Figure 1 for details. *Differs from EIA Specification Tape and Ammo Diagram A B A1 L1 P0 D0 F L W4 H0 I2 H1 W5 W Reference plane Δh Δh H1 H C1 C2 Δh Δp Direction of unreeling Cross section A - B t Figure 1 |