전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPB20S24 데이터시트(PDF) 2 Page - MicroPower Direct, LLC

부품명 MPB20S24
상세설명  MPB-20S Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPD [MicroPower Direct, LLC]
홈페이지  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPB20S24 데이터시트(HTML) 2 Page - MicroPower Direct, LLC

  MPB20S24 Datasheet HTML 1Page - MicroPower Direct, LLC MPB20S24 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Derating Curve
Notes:
1. Output voltage tolerance is measured at nominal input and 75% load.
2. Output ripple is measured at 20 MHz bandwidth using 0.1 µF and 10 µF
capacitors connected in parallel as close to the power supply terminals
as possible.
3. These units will operate at no load without damage. For most appli-
cations however, MPD recommends that a minimum load always be
used. Contact the factory for more information.
4. Each unit includes an input fuse (250V/2A). Since this fuse is not field
replaceable, it is recommended that an external fuse of the same size
be used on the input of the power supply for protection.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Other Models May Be Available. Contact The Factory For Details
www.micropowerdirect.com
Model
Number
Input
Output
Max
Output
Power
(W)
Max
Output
Capacitance
(µF)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current (A)
115 VAC
230 VAC
Rated
% Min.
MPB-20S-03
0.44
0.24
3.3
4.40
0.00
14.5
4,400
68
MPB-20S-05
0.44
0.24
5.0
4.40
0.00
22.0
4,400
75
MPB-20S-09
0.44
0.24
9.0
2.45
0.00
22.0
2,530
79
MPB-20S-12
0.44
0.24
12.0
1.80
0.00
22.0
2,200
81
MPB-20S-15
0.44
0.24
15.0
1.40
0.00
22.0
1,400
83
MPB-20S-24
0.44
0.24
24.0
0.92
0.00
22.0
950
83
Pin
Description
1
AC-Neutral
2
AC-Line
3
+V Output
4
+V Output
5
-V Output
6
-V Output
Safety Ground:
The mounting holes marked “Use metal
standoffs” should be connected to the system
earth ground via metal spacers or a cable.
The input side mounting hole marked “FG”
provides the safety earth ground for the unit.
This connection should be locked to prevent
possible loosening. Connecting the output
side mounting hole improves EMI.
Pin Connections



Html Pages

1 2