| 전자부품 데이터시트 검색엔진 |
|
SCF5250 데이터시트(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SCF5250 데이터시트(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 56 page ![]() SCF5250 Data Sheet: Technical Data, Rev. 1.3 Freescale Semiconductor 45 5.3 196 MAPBGA Pin Assignments The SCF5250 can be assembled in a 196-pin MAPBGA package. Table 36 lists the 196 MAPBGA pin assignments. Table 36. 196 MAPBGA Pin Assignments MAPBGA Pin Name Type Description Pin State After Reset B1 DATA16 I/O Data X D3 A23_GPO54 I/O SDRAM address / static adr Out (requires pull up/down for boot-up selection P_VDD PST_VDD PST_VDD C1 A22 O SDRAM address / static adr Out D2 A21 O SDRAM address / static adr Out E3 A20_A24 I/O SDRAM address / static adr Out (requires pull up/down for boot-up selection D1 A19 O SDRAM address / static adr Out E2 A18 O SDRAM address / static adr Out P_GND PST_GND PST_GND F3 A17 O SDRAM address / static adr Out E1 A16 O SDRAM address / static adr Out F2 A15 O SDRAM address / static adr Out F1 A14 O SDRAM address / static adr Out G3 A13 O SDRAM address / static adr Out P_VDD PAD_VDD PAD_VDD G2 A12 O SDRAM address / static adr Out G1 A11 O SDRAM address / static adr Out CORE_VDD CORE_VDD CORE_VDD C_GND CORE_VSS CORE_VSS Out H2 A10 O SDRAM address / static adr Out J1 A9 O SDRAM address / static adr Out H3 A8 O SDRAM address / static adr Out K1 A7 O SDRAM address / static adr Out |