| 전자부품 데이터시트 검색엔진 |
|
SCF5250CPV120 데이터시트(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SCF5250CPV120 데이터시트(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 56 page ![]() SCF5250 Data Sheet: Technical Data, Rev. 1.3 2 Freescale Semiconductor integrated peripherals and enhanced MAC unit allow the SCF5250 to replace both the microcontroller and the DSP in certain applications. Most peripheral pins can also be remapped as General Purpose I/O pins. 1.1 Orderable Part Numbers Table 1 lists the orderable part numbers for the SCF5250 processor. 1.2 SCF5250 Features This section provides brief descriptions of the features of the SCF5250 processor. 1.2.1 ColdFire V2 Core The ColdFire processor Version 2 core consists of two independent, decoupled pipeline structures to maximize performance while minimizing core size.The instruction fetch pipeline (IFP) is a two-stage pipeline for prefetching instructions. The prefetched instruction stream is then gated into the two-stage operand execution pipeline (OEP), which decodes the instruction, fetches the required operands, and then executes the required function. Because the IFP and OEP pipelines are decoupled by an instruction buffer that serves as a FIFO queue, the IFP can prefetch instructions in advance of their actual use by the OEP, which minimizes time stalled waiting for instructions. The OEP is implemented in a two-stage pipeline featuring a traditional RISC data path with a dual-read-ported register file feeding an arithmetic/logic unit (ALU). Table 1. Orderable Part Numbers Orderable Part Number Maximum Clock Frequency Package Type Operating Temperature Range Part Status SCF5250LPV100 100 MHz 144 pin QFP -20 °C to 70°C Leaded SCF5250LAG100 100 MHz 144 pin QFP -20 °C to 70°C Lead Free SCF5250PV120 120 MHz 144 pin QFP -20 °C to 70°C Leaded SCF5250AG120 120 MHz 144 pin QFP -20 °C to 70°C Lead Free SCF5250DAG1201 1 SCF5250DAG120—This device has the same feature set, pin assignment and specification as SCF5250AG120 with the addition of including the cost of the MP3 decoder royalty to be paid to Thomson Licensing S.A. for use of the MP3 patent rights described at http://mp3licensing.com/patents/index.html. 120 MHz 144 pin QFP -20 °C to 70°C Lead Free SCF5250EAG1202 2 SCF5250EAG120—This device has the same feature set, pin assignment and specification as SCF5250AG120 with the addition of including the cost of the MP3 encoder and decoder royalty to be paid to Thomson Licensing S.A. for use of the MP3 patent rights described at http://mp3licensing.com/patents/index.html. 120 MHz 144 pin QFP -20 °C to 70°C Lead Free SCF5250CPV120 120 MHz 144 pin QFP -40 °C to 85°C Leaded SCF5250CAG120 120 MHz 144 pin QFP -40 °C to 85°C Lead Free SCF5250VM120 120 MHz 196 ball MAPBGA -20 °C to 70°C Lead Free |