| 전자부품 데이터시트 검색엔진 |
|
KDE0505PHS2 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
KDE0505PHS2 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() DC Brushless Fan SUNON Traditional System Motor Series Size(mm) Model dBA 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 12 VDC 12 VDC 12 VDC KDE0535PFB1-8 OC KDE0535PFB2-8 OC KDE0535PFB3-8 OC KDE0535PFB1-8 KDE0535PFB2-8 KDE0535PFB3-8 KDE1235PFB1-8 KDE1235PFB2-8 KDE1235PFB3-8 35x35x10 5 VDC 5 VDC 5 VDC KDE0503PHB1-8 KDE0503PHB2-8 KDE0503PHB3-8 30x30x15 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 12 VDC 12 VDC 12 VDC KDE0503PFB1-8 OC KDE0503PFB2-8 OC KDE0503PFB3-8 OC KDE0503PFB1-8 V KDE0503PFB2-8 V KDE0503PFB3-8 V KDE1203PFB1-8 KDE1203PFB2-8 KDE1203PFB3-8 30x30x10 5 VDC 5 VDC 5 VDC KDE0502PHB1-8 KDE0502PHB2-8 KDE0502PHB3-8 25x25x15 0.28 0.16 0.11 29 22 16 3.7 3.1 2.2 5 VDC 5 VDC 5 VDC 5 VDC KDE0502PEB1-8 OC KDE0502PEB1-8 LV KDE0502PEB2-8 LV KDE0502PEB3-8 LV 25x25x6 3.35 1.6 1.2 0.8 0.18 0.15 0.10 0.04 27 29 26.5 19 1.1 0.8 0.6 0.26 0.20 0.10 29 27 25 17x17x8 5 VDC 5 VDC 5 VDC KDE0517PDB1-8 (2).V KDE0517PDB2-8 (2).V KDE0517PDB3-8 (2).V 5 VDC 5 VDC 5 VDC KDE0504PEB1-8 LV KDE0504PEB2-8 LV KDE0504PEB3-8 LV 40x40x6 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC KDE0503PEBX-8 OC KDE0503PEB1-8 OC KDE0503PEB1-8 LV KDE0503PEB2-8 LV KDE0503PEB3-8 LV 30x30x6 5.3 4.6 3.0 2.4 1.9 0.14 0.11 0.15 0.08 0.065 29 26 31 26 20 5 VDC 5 VDC 5 VDC KDE0501PDB1-8 (2).V KDE0501PDB2-8 (2).V KDE0501PDB3-8 (2).V 20x20x8 1.9 1.6 1.2 0.26 0.15 0.11 29 26.5 21 Volt. 1.0 0.6 0.4 1.0 0.6 0.4 0.8 0.6 0.3 0.9 0.55 0.5 0.35 0.3 5 VDC 5 VDC 5 VDC KDE0528AFB1-8 KDE0528AFB2-8 KDE0528AFB3-8 30x28x10 2.4 1.8 1.5 5.5 4.6 3.6 5.1 4.2 3.15 3.5 3.0 2.3 6.0 4.8 3.2 6.5 5.2 3.8 5.2 4.5 3.2 5.2 4.5 3.2 5.5 4.35 3.5 7.3 4.9 4.2 8.3 6.5 4.7 0.16 0.11 0.10 0.12 0.08 0.05 0.09 0.08 0.05 0.09 0.08 0.05 0.08 0.05 0.04 0.17 0.11 0.08 0.19 0.15 0.10 27 22 17 25.5 21 18 25 21 18 25 21 18 26 23 20 30.3 25 22 34.4 27 24 0.13 0.10 0.08 0.15 0.11 0.07 0.14 0.11 0.06 0.14 0.11 0.07 32 30 27 25 22.5 20 22.5 20.5 18.5 27 25 18.5 0.9 0.6 0.3 1.0 0.7 0.35 1.0 0.7 0.4 1.0 0.8 0.6 0.55 0.4 0.3 1.4 1.1 0.7 1.4 1.1 0.6 1.0 0.65 0.35 0.9 0.6 0.3 0.9 0.8 0.6 0.9 0.6 0.35 WATTS CFM Inch H2O 2.2 1.45 0.86 0.26 0.15 0.07 26 22 20 20x20x10 5 VDC 5 VDC 5 VDC KDE0501PFB1-8 (2).N.V KDE0501PFB2-8 (2).N.V KDE0501PFB3-8 (2).N.V 40x40x10 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE1204PFS1 H KDE1204PFS2 H KDE1204PFS3 H KDE1204PFB1 H KDE1204PFB2 H KDE1204PFB3 H 0.9 0.6 0.4 0.5 0.4 0.3 0.2 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 5 VDC 12VDC 12VDC 12VDC KDE0502PFB1-8 V KDE0502PFB2-8 V KDE0502PFB3-8 V KDE0502AFB1-8 V KDE0502AFB2-8 V KDE0502AFB3-8 V KDE0502PFB1-8 OC KDE0502PFB2-8 OC KDE0502PFB3-8 OC KDE1202PFB1-8 KDE1202PFB2-8 KDE1202PFB3-8 25x25x10 9500 8000 5500 8000 7000 5000 9500 8000 5500 8500 7000 5500 7500 6000 4500 7000 6000 4500 7000 6500 4500 6000 5000 4000 7400 5500 4200 8400 6600 5200 12000 10000 7000 11500 13000 10000 7000 20000 15000 11000 9000 7500 9500 7500 5500 15000 12000 9000 11000 9000 6500 RPM 15000 10000 7300 11500 9500 6500 11500 9500 6500 13000 10000 7500 13000 10000 7000 3.15 2.53 1.83 3.15 2.53 1.83 3.5 3.0 2.3 2.4 2.0 1.3 0.20 0.16 0.09 0.20 0.16 0.09 0.25 0.18 0.11 0.20 0.16 0.09 25.4 24 23 26.9 25.5 24.5 27 25 24 33 30 26 0.9 0.6 0.3 0.9 0.6 0.3 0.9 0.6 0.35 1.0 0.7 0.5 Size(mm) Model dBA Volt. WATTS CFM Inch H2O 8.8 7.1 5.2 9.5 8.0 6.1 0.15 0.12 0.09 0.16 0.13 0.10 31.4 25.2 22 33.8 29 23 1.4 1.2 0.8 1.4 1.1 0.7 45x45x10 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE1245PFS1 H KDE1245PFS2 H KDE1245PFS3 H KDE1245PFB1 H KDE1245PFB2 H KDE1245PFB3 H 6600 5300 3900 7100 5900 4400 17.0 13.0 10.2 17.0 13.0 10.2 0.23 0.17 0.12 0.23 0.17 0.12 33 29 22 34 29.5 22.5 1.5 1.0 0.7 1.5 1.0 0.7 50x50x15 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE1205PHS1 H KDE1205PHS2 H KDE1205PHS3 H KDE1205PHB1 H KDE1205PHB2 H KDE1205PHB3 H 5800 4700 3700 5800 4700 3700 12.4 7.6 12.7 8.5 12.4 7.6 12.7 8.5 0.14 0.12 0.16 0.14 0.14 0.12 0.16 0.14 27 24 27.8 25.4 27 24 27.8 25.4 1.9 1.2 1.9 1.2 1.7 0.9 1.7 0.9 52x52x15 5 VDC 5 VDC 5 VDC 5 VDC 12VDC 12VDC 12VDC 12VDC KDE0505PHS2 KDE0505PHS3 KDE0505PHB2 KDE0505PHB3 KDE1205PHS2 KDE1205PHS3 KDE1205PHB2 KDE1205PHB3 5000 4000 5300 4300 5000 4000 5300 4300 15.0 13.0 10.2 15.0 13.0 10.2 0.16 0.12 0.08 0.16 0.12 0.08 36 30 26 36.5 30.5 27 1.4 1.0 0.7 1.4 1.0 0.7 55x55x10 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE1255PFS1 H.G KDE1255PFS2 H.G KDE1255PFS3 H.G KDE1255PFB1 H.G KDE1255PFB2 H.G KDE1255PFB3 H.G 5700 4700 4000 5700 4700 4000 16.5 14.0 11.3 16.5 14.0 11.3 0.17 0.12 0.07 0.17 0.12 0.07 35 34.5 28.5 36 35 29 1.4 1.0 0.8 1.4 1.0 0.8 60x60x10 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE1206PFS1 H.G KDE1206PFS2 H.G KDE1206PFS3 H.G KDE1206PFB1 H.G KDE1206PFB2 H.G KDE1206PFB3 H.G 5200 4300 3600 5200 4300 3600 10.6 8.5 7.0 11.4 9.5 8.0 12.5 10.6 8.5 12.5 10.6 8.5 0.11 0.09 0.07 0.12 0.10 0.08 0.19 0.15 0.10 0.19 0.15 0.10 32.4 26 21.4 34.7 28.9 24.3 35 30 25 36 31.5 26 1.6 1.1 0.8 1.6 1.2 0.8 1.4 1.0 0.7 1.4 1.0 0.7 50x50x10 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE1205PFS1 H KDE1205PFS2 H KDE1205PFS3 H KDE1205PFB1 H KDE1205PFB2 H KDE1205PFB3 H KDE1205PFS1 H.G KDE1205PFS2 H.G KDE1205PFS3 H.G KDE1205PFB1 H.G KDE1205PFB2 H.G KDE1205PFB3 H.G 5600 4500 3700 6000 5000 4200 6500 5500 4500 6500 5500 4500 6.5 5.2 7.0 6.2 8.9 7.7 6.3 9.1 8.0 6.5 6.5 5.2 7.0 6.0 0.12 0.08 0.16 0.12 0.21 0.16 0.11 0.22 0.17 0.12 0.12 0.08 0.16 0.11 25.5 22.8 29 24 25.5 21 18 27 22.5 19 25.5 22.8 29 24 1.0 0.7 1.0 0.7 1.2 0.8 0.7 1.2 0.8 0.6 1.2 0.8 1.0 0.7 40x40x20 5 VDC 5 VDC 5 VDC 5 VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE0504PKS2 KDE0504PKS3 KDE0504PKB2 KDE0504PKB3 KDE1204PKS1 H KDE1204PKS2 H KDE1204PKS3 H KDE1204PKB1 H KDE1204PKB2 H KDE1204PKB3 H KDE2404PKS2 KDE2404PKS3 KDE2404PKB2 KDE2404PKB3 6000 4500 6500 5300 7200 6200 5200 7400 6500 5400 6000 4500 6500 5000 RPM 21.0 18.0 15.0 21.0 18.0 15.0 0.18 0.14 0.12 0.18 0.14 0.12 36 31 25 37.5 31.5 26 1.8 1.1 0.7 1.8 1.1 0.7 4300 3800 3000 4300 3800 3000 60x60x15 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE1206PHS1 H KDE1206PHS2 H KDE1206PHS3 H KDE1206PHB1 H KDE1206PHB2 H KDE1206PHB3 H 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE1206PKS1 H KDE1206PKS2 H KDE1206PKS3 H KDE1206PKB1 H KDE1206PKB2 H KDE1206PKB3 H 60x60x20 22.0 18.5 15.0 22.0 18.5 15.0 0.17 0.14 0.10 0.17 0.14 0.10 32 27.5 25 32.5 28 26 1.8 1.1 0.8 1.8 1.1 0.8 4300 3600 3200 4300 3600 3200 12VDC 12VDC 12VDC 12VDC 12VDC 12VDC KDE1206PTS1 H KDE1206PTS2 H KDE1206PTS3 H KDE1206PTB1 H KDE1206PTB2 H KDE1206PTB3 H 60x60x25 22.5 18.0 16.0 22.5 18.0 16.0 0.20 0.15 0.10 0.20 0.15 0.10 33.5 29 25 34 30 26 1.9 1.3 0.8 2.0 1.3 0.8 4300 3700 3100 4300 3700 3100 |