| 전자부품 데이터시트 검색엔진 |
|
74LS90 데이터시트(PDF) 4 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
74LS90 데이터시트(HTML) 4 Page - Motorola, Inc |
|
4 / 6 page ![]() 5-93 FAST AND LS TTL DATA SN54/74LS90 • SN54/74LS92 • SN54/74LS93 LS90 MODE SELECTION RESET / SET INPUTS OUTPUTS MR1 MR2 MS1 MS2 Q0 Q1 Q2 Q3 H H X L X L X H H X X L X L L X H L X X L L L H L L L L L L L L H Count Count Count Count X L H X L L X H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care LS92 AND LS93 MODE SELECTION RESET INPUTS OUTPUTS MR1 MR2 Q0 Q1 Q2 Q3 H L H L H H L L L L L L Count Count Count H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care LS90 BCD COUNT SEQUENCE COUNT OUTPUT Q0 Q1 Q2 Q3 0 1 2 3 4 5 6 7 8 9 L H L H L H L H L H L L H H L L H H L L L L L L H H H H L L L L L L L L L L H H NOTE: Output Q0 is connected to Input CP1 for BCD count. LS92 TRUTH TABLE COUNT OUTPUT Q0 Q1 Q2 Q3 0 1 2 3 4 5 6 7 8 9 10 11 L H L H L H L H L H L H L L H H L L L L H H L L L L L L H H L L L L H H L L L L L L H H H H H H NOTE: Output Q0 is connected to Input CP1. LS93 TRUTH TABLE COUNT OUTPUT Q0 Q1 Q2 Q3 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 L H L H L H L H L H L H L H L H L L H H L L H H L L H H L L H H L L L L H H H H L L L L H H H H L L L L L L L L H H H H H H H H NOTE: Output Q0 is connected to Input CP1. |