전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L1007C100MPWST 데이터시트(PDF) 21 Page - Kemet Corporation

부품명 L1007C100MPWST
상세설명  Surface Mount Ferrite Products Inductors & Ferrite Beads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1007C100MPWST 데이터시트(HTML) 21 Page - Kemet Corporation

Back Button L1007C100MPWST Datasheet HTML 17Page - Kemet Corporation L1007C100MPWST Datasheet HTML 18Page - Kemet Corporation L1007C100MPWST Datasheet HTML 19Page - Kemet Corporation L1007C100MPWST Datasheet HTML 20Page - Kemet Corporation L1007C100MPWST Datasheet HTML 21Page - Kemet Corporation L1007C100MPWST Datasheet HTML 22Page - Kemet Corporation L1007C100MPWST Datasheet HTML 23Page - Kemet Corporation L1007C100MPWST Datasheet HTML 24Page - Kemet Corporation L1007C100MPWST Datasheet HTML 25Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
21
Features:
Applications:
• Small and low profile inductor
• For small DC/DC converter; cellular phones,
• Corresponds to high current
HDD, HVC, DSC, and PDA LCD display
• Simple and original magnetic shield structure
Operating Temperature:
• Structure strong against shock-proof
• -25ºC to +120ºC (including self-generated heat)
Metric
Dim.
Code
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
F
3010
3.0 ±0.1
(0.118 ±0.004)
3.0 ±0.1
(0.118 ±0.004)
1.0 max.
(0.039 max.)
0.9 ±0.2
(0.035 ±0.008)
1.9 ±0.2
(0.075 ±0.008)
4010
4.0 ±0.2
(0.157 ±0.008)
4.0 ±0.2
(0.157 ±0.008)
1.0 max.
(0.039 max.)
1.1 ±0.2
(0.043 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
4012
4.0 ±0.2
(0.157 ±0.008)
4.0 ±0.2
(0.157 ±0.008)
1.2 max.
(0.047 max.)
1.1 ±0.2
(0.043 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
4018
4.0 ±0.2
(0.157 ±0.008)
4.0 ±0.2
(0.157 ±0.008)
1.8 max.
(0.071 max.)
1.1 ±0.2
(0.043 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
8040
8.0 ±0.2
(0.315 ±0.008)
8.0 ±0.2
(0.315 ±0.008)
4.2 max
(0.165 max)
1.6 ±0.3
(0.063 ±0.012)
5.6 ±0.3
(0.220 ±0.012)
Low Profile SMD Inductors (L-DWD Series)
Part Numbering Table
Dimension Table in millimeters (inches)
L
W
H
E
E
F
Dimensions 3.0mm x 3.0mm (L-DWD3010 Type, 1.0mm Max. Height)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Heigh (mm)
Tape & Reel Packaging
Quantity
L3010C1R0NDWDT
1.0
±30%
100
126
0.065
1300
1.0
2,000
L3010C1R5NDWDT
1.5
±30%
100
98
0.08
1200
1.0
2,000
L3010C2R2MDWDT
2.2
±20%
100
82
0.095
1100
1.0
2,000
L3010C3R3MDWDT
3.3
±20%
100
63
0.14
870
1.0
2,000
L3010C4R7MDWDT
4.7
±20%
100
56
0.19
750
1.0
2,000
L3010C6R8MDWDT
6.8
±20%
100
46
0.30
610
1.0
2,000
L3010C100MDWDT
10
±20%
100
35
0.45
500
1.0
2,000
L3010C150MDWDT
15
±20%
100
30
0.74
400
1.0
2,000
L3010C220MDWDT
22
±20%
100
25
1.03
350
1.0
2,000
L3010C330MDWDT
33
±20%
100
20
1.55
260
1.0
2,000
L3010C470MDWDT
47
±20%
100
17
2.05
220
1.0
2,000
Dimensions 4.0mm x 4.0mm (L-DWD4010 Type, 1.0mm Max. Height)
Ordering code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Height
(mm)
Tape & Reel
Packaging Quantity
L4010C1R0NDWDT
1.0
±30%
100
116
0.10
1050
1.0
5,000
L4010C2R2NDWDT
2.2
±30%
100
73
0.15
890
1.0
5,000
L4010C3R3MDWDT
3.3
±20%
100
58
0.18
820
1.0
5,000
L4010C4R7MDWDT
4.7
±20%
100
47
0.21
750
1.0
5,000
L4010C6R8MDWDT
6.8
±20%
100
38
0.30
620
1.0
5,000
L4010C100MDWDT
10
±20%
100
31
0.38
560
1.0
5,000
L4010C150MDWDT
15
±20%
100
24
0.51
470
1.0
5,000
L4010C220MDWDT
22
±20%
100
19
0.87
360
1.0
5,000
L4010C330MDWDT
33
±20%
100
15
1.54
280
1.0
5,000
L4010C470MDWDT
47
±20%
100
13
1.81
240
1.0
5,000
Low Profile SMD Inductors - L-DWD Series
Inductance
Examples: 2R2 = 2.2μH; 100 = 10μH; 101 = 100μH
Inductance Tolerance
M = ±20%; N = 30%
Inductor
L
C
4012
100
M
DWD
T
Case Size (EIA)
3010, 4010, 4012, 4018, 8040
Type
DWD = Coating resin specification
Specification
C = Commercial
Packaging Code
T = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com