전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4518A 데이터시트(PDF) 1 Page - Sanken electric

부품명 2SC4518A
상세설명  Silicon NPN Triple Diffused Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4518A 데이터시트(HTML) 1 Page - Sanken electric

  2SC4518A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
114
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor)
Application : Switching Regulator, Lighting Inverter and General Purpose
2SC4518/4518A
I C– V CE Characteristics (Typical)
hFE–IC Temperature Characteristics (Typical)
t on•t stg•t f– I C Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
VCE(sat),VBE(sat)–IC Temperature Characteristics (Typical)
Pc – T a Derating
Reverse Bias Safe Operating Area
Safe Operating Area (Single Pulse)
0.03
0.1
0.05
11 0
5
0.5
0
1.5
1.0
0.5
Collector Current I C(A)
V BE(sat)
V CE(sat)
I C/I B=5 Const.
0.2
1
0.5
5
0.1
0.5
5
7
1
Collector Current I C(A)
t stg
t on
t f
V CC
250V
I C:I B1:I B2=1:0.15:–0.5
35
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
50
500
1000
100
1
5
0.5
0.1
0.03
0.05
20
10
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
L=3mH
IB2=–1.0A
Duty:less than 1%
2SC4518
2SC4518A
10
50
100
500
1000
1
0.5
0.03
0.05
0.1
10
20
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
100
µ
s
0.02
0.1
0.05
1
5
0.5
5
10
50
Collector Current I C(A)
(V CE=4V)
125˚C
25˚C
–55˚C
0
5
1
2
3
4
0
1.2
0.4
0.6
0.8
1.0
0.2
Base-Emittor Voltage V BE(V)
(V CE=4V)
0.3
1
4
0.5
1
1 0
100
1000
Time t(ms)
0
0
2
1
5
3
4
2
13
4
Collector-Emitter Voltage V CE(V)
600mA
700mA
400mA
150mA
250mA
I B=50mA
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
250
RL
(
Ω)
139
IC
(A)
1.8
VBB2
(V)
–5
IB2
(A)
–0.9
ton
(
µs)
0.7max
tstg
(
µs)
4max
tf
(
µs)
0.5max
IB1
(A)
0.27
VBB1
(V)
10
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SC4518 2SC4518A
900
1000
550
7
5(Pulse10)
2.5
35(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
2SC4518 2SC4518A
100max
100max
550min
10 to 25
0.5max
1.2max
6typ
50typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=800V
VEB=7V
IC=10mA
VCE=4V, IC=1.8A
IC=1.8A, IB=0.36A
IC=1.8A, IB=0.36A
VCE=12V, IE=–0.35A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
Ratings
Ratings


유사한 부품 번호 - 2SC4518A

제조업체부품명데이터시트상세설명
logo
Sanken electric
2SC4518A SANKEN-2SC4518A Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator, Lighting Inverter and General Purpose)
logo
Savantic, Inc.
2SC4518A SAVANTIC-2SC4518A Datasheet
240Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4518A JMNIC-2SC4518A Datasheet
183Kb / 4P
Silicon NPN Power Transistors
logo
Sanken electric
2SC4518A SANKEN-2SC4518A Datasheet
32Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Inchange Semiconductor ...
2SC4518A ISC-2SC4518A Datasheet
154Kb / 4P
Silicon NPN Power Transistors
More results

유사한 설명 - 2SC4518A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2389 SANKEN-2SD2389 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2401 SANKEN-2SD2401 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2438 SANKEN-2SD2438 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2561 SANKEN-2SD2561 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4138 SANKEN-2SC4138 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4546 SANKEN-2SC4546 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com