| 전자부품 데이터시트 검색엔진 |
|
DNRR1963LDK 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
DNRR1963LDK 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd. |
|
|
1 / 1 page ![]() Data subject to change without notice. Isometric drawing not to scale. www.hammondmfg.com PART NO. DNRR1963LDK PART NUMBERS PAINTED BLACK THIN FILM DNRR1963LDK NOTES Shipped knockdown for handling ease & protection See Hammond Website for Additional Accessories FRONT VIEW TOP VIEW SIDE VIEW 18.32 in 465 mm 19" MTG 17.82 in 453 mm OPENING 1.00 in 25 mm 6.00 in 152 mm 10.75 in 273 mm 19.81 in 503 mm 19.81 in 503 mm 1.16 in 29 mm TYP 3.00 in 76 mm TYP 1.75 in 44 mm TYP 1.97 in 50 mm TYP 9.91 in 252 mm 1.66 in 42 mm TYP O .31 in 8 mm 16X O .44 in 11 mm 2X #10-32 UNF STANDARD EIA SPACING. (FRONT FLANGE ONLY) 20.00 in 508 mm 2.00 in 51 mm 3.00 in 76 mm Item Number Title Quantity 1 DNRRLDK - BASE 1 2 DNRRLDK - L.H. RAIL 1 3 DNRRLDK - R.H. RAIL 1 4 DNRRLDK - TOP ANGLE 1 5 DNRRLDK - L.H. SUPPORT GUSSET 1 6 DNRRLDK -RL.H. SUPPORT GUSSET 1 7 SCREW 1/4-20 X 5/8 RND HD ZP 16 8 1/4" FLAT WASHER 16 9 NUT 1/4-20 KEP 16 1 4 7 3 2 6 5 9 8 66.12 in 1680 mm 63.12 in 1603 mm 36U |
유사한 부품 번호 - DNRR1963LDK |
|
유사한 설명 - DNRR1963LDK |