전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACST1010-7T 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 ACST1010-7T
상세설명  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1010-7T 데이터시트(HTML) 3 Page - STMicroelectronics

  ACST1010-7T Datasheet HTML 1Page - STMicroelectronics ACST1010-7T Datasheet HTML 2Page - STMicroelectronics ACST1010-7T Datasheet HTML 3Page - STMicroelectronics ACST1010-7T Datasheet HTML 4Page - STMicroelectronics ACST1010-7T Datasheet HTML 5Page - STMicroelectronics ACST1010-7T Datasheet HTML 6Page - STMicroelectronics ACST1010-7T Datasheet HTML 7Page - STMicroelectronics ACST1010-7T Datasheet HTML 8Page - STMicroelectronics ACST1010-7T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ACST10
Characteristics
Doc ID 15237 Rev 3
3/13
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
IOUT = 14.1 A, tp = 500 µs
Tj = 25 °C
MAX.
1.5
V
VT0
(1)
Threshold voltage
Tj = 125 °C
MAX.
0.9
V
Rd
(1)
Dynamic resistance
Tj = 125 °C
MAX.
35
m
Ω
IDRM
IRRM
VOUT = VDRM/ VRRM
Tj = 25 °C
MAX.
20
µA
Tj = 125 °C
MAX.
1.2
mA
1.
For both polarities of OUT pin referenced to COM pin
Table 5.
Thermal characteristics
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
TO-220AB
1.7
°C/W
TO-220FPAB
3.5
°C/W
Rth(j-a)
Junction to ambient
TO-220AB
TO-220FPAB
60
°C/W
Figure 2.
Maximum power dissipation vs.
rms on-state current (full cycle)
Figure 3.
On-state rms current vs. case
temperature (full cycle)
P(W)
0
1
2
3
4
5
6
7
8
9
10
11
12
01
2
3
456
7
8
9
10
I
(A)
T(RMS)
I
(A)
T(RMS)
0
1
2
3
4
5
6
7
8
9
10
11
0
25
50
75
100
125
TO-220FPAB
TO-220AB
T (°C)
C
Figure 4.
On-state rms current vs. ambient
temperature (free air convection full
cycle)
Figure 5.
Relative variation of thermal
impedance vs. pulse duration
I
(A)
T(RMS)
0,0
0,5
1,0
1,5
2,0
2,5
3,0
0
25
50
75
100
125
Tamb(°C)
K=[Z /R ]
th
th
1.0E-02
1.0E-01
1.0E+00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z
th(j-a)
TO
-220AB
TO-220FPAB
TO-220AB
TO-220FPAB
tp(s)
Z
th(j-c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com