| 전자부품 데이터시트 검색엔진 |
|
ACST1035-7T 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ACST1035-7T 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 13 page ![]() ACST10 Package information Doc ID 15237 Rev 3 11/13 Table 7. TO-220FPAB dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A 4.4 4.6 0.173 0.181 B 2.5 2.7 0.098 0.106 D 2.5 2.75 0.098 0.108 E 0.45 0.70 0.018 0.027 F 0.75 1 0.030 0.039 F1 1.15 1.50 0.045 0.059 F2 1.15 1.50 0.045 0.059 G 4.95 5.20 0.195 0.205 G1 2.4 2.7 0.094 0.106 H 10 10.4 0.393 0.409 L2 16 Typ. 0.63 Typ. L3 28.6 30.6 1.126 1.205 L4 9.8 10.6 0.386 0.417 L5 2.9 3.6 0.114 0.142 L6 15.9 16.4 0.626 0.646 L7 9.00 9.30 0.354 0.366 Diam. 3.00 3.20 0.118 0.126 H A B Dia L7 L6 L5 F1 F2 F D E L4 G1 G L2 L3 |