전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EJSS 데이터시트(PDF) 2 Page - Hammond Manufacturing Ltd.

부품명 EJSS
상세설명  Boite de jonction en acier inoxydable de type 4X
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

EJSS 데이터시트(HTML) 2 Page - Hammond Manufacturing Ltd.

  EJSS Datasheet HTML 1Page - Hammond Manufacturing Ltd. EJSS Datasheet HTML 2Page - Hammond Manufacturing Ltd. EJSS Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inner Panels
Ventilation
Filtered Fans
Type 1 Louvered Ventilating Plates
Padlock Adaptor
Terminal Kit Assemblies
Temperature Controls
Window Kits
Le couvercle et l'armoire sont en acier inoxydable naturel avec fini
brossé lisse.
Le panneau intérieur est en acier galvanisé non peint.
Accessoires
304 S.S.
316 S.S.
Overall Dimensions
Panel Size
Ship Wt.
Part No.
Part No.
A
B
C
D
E
F
G
H
J
lbs
EJ443SS
EJ443S16
4.00
4.00
3.00
N/A
N/A
2.92
4.75
2.00
2.00
2
EJ643SS
EJ643S16
6.00
4.00
3.00
4.88
2.88
2.92
6.75
2.00
3.00
2
EJ863SS
EJ863S16
8.00
6.00
3.50
6.75
4.88
3.42
8.75
4.00
4.00
5
EJ644SS
EJ644S16
6.00
4.00
4.00
4.88
2.88
3.92
6.75
2.00
3.00
3
EJ664SS
EJ664S16
6.00
6.00
4.00
4.88
4.88
3.92
6.75
4.00
3.00
4
EJ884SS
EJ884S16
8.00
8.00
4.00
6.75
6.88
3.92
8.75
6.00
4.00
7
EJ1084SS
EJ1084S16
10.00
8.00
4.00
8.75
6.88
3.92
10.75
6.00
5.00
8



Html Pages

1 2 3