전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF31N65M5 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STF31N65M5
상세설명  N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF31N65M5 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STF31N65M5 Datasheet HTML 11Page - STMicroelectronics STF31N65M5 Datasheet HTML 12Page - STMicroelectronics STF31N65M5 Datasheet HTML 13Page - STMicroelectronics STF31N65M5 Datasheet HTML 14Page - STMicroelectronics STF31N65M5 Datasheet HTML 15Page - STMicroelectronics STF31N65M5 Datasheet HTML 16Page - STMicroelectronics STF31N65M5 Datasheet HTML 17Page - STMicroelectronics STF31N65M5 Datasheet HTML 18Page - STMicroelectronics STF31N65M5 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DocID022848 Rev 3
15/25
STB31N65M5, STF31N65M5, STFI31N65M5, STP31N65M5, STW31N65M5
Package mechanical
Figure 27. TO-220FP drawing
7012510_Rev_K_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com