전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F64111DFB 데이터시트(PDF) 60 Page - Renesas Technology Corp

부품명 R5F64111DFB
상세설명  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64111DFB 데이터시트(HTML) 60 Page - Renesas Technology Corp

Back Button R5F64111DFB Datasheet HTML 56Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 57Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 58Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 59Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 60Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 61Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 62Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 63Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
R01DS0062EJ0130 Rev.1.30
Page 60 of 93
Mar 3, 2014
R32C/111 Group
5. Electrical Characteristics
Note:
1.
The value listed in the table is the minimum VCC1 to retain RAM data.
Notes:
1.
Program/erase definition
This value represents the number of erasures per block.
When the number of program/erase cycles is n, each block can be erased n times.
For example, if a 4-word write is performed in 512 different addresses in the 4-Kbyte block A and
then the block is erased, this is counted as a single program/erase operation.
However, the same address cannot be written to more than once per erasure (overwrite disabled).
2.
Data retention includes periods when no supply voltage is applied and no clock is provided.
3.
Contact a Renesas Electronics sales office for data retention times other than the above condition.
Table 5.7
Electrical Characteristics of RAM
(VCC1 =VCC2 = 3.0 to 5.5 V, VSS = 0 V, and Ta = Topr, unless otherwise noted)
Symbol
Characteristic
Measurement
Condition
Value
Unit
Min.
Typ.
Max.
VRDR
RAM data retention voltage (1)
In stop mode
2.0
V
Table 5.8
Electrical Characteristics of Flash Memory
(VCC1 = VCC2 = 3.0 to 5.5 V, VSS = 0 V, and Ta = Topr, unless otherwise noted)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
—
Program/erase cycles (1)
Program area
1000
Cycles
Data area
10000
Cycles
—
4-word program time
Program area
150
900
µs
Data area
300
1700
µs
—
Lock bit program time
Program area
70
500
µs
Data area
140
1000
µs
—
Block erasure time
4-Kbyte block
0.12
3.0
s
32-Kbyte block
0.17
3.0
s
64-Kbyte block
0.20
3.0
s
—
Data retention (2)
Ta = 55°C (3)
10
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com