| 전자부품 데이터시트 검색엔진 |
|
R5F64112DFB 데이터시트(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64112DFB 데이터시트(HTML) 23 Page - Renesas Technology Corp |
|
23 / 102 page ![]() R01DS0062EJ0130 Rev.1.30 Page 23 of 93 Mar 3, 2014 R32C/111 Group 1. Overview Table 1.16 Pin Definitions and Functions for the 64-pin Package (2/3) Function Symbol I/O Description Serial interface CTS0 to CTS3, CTS5, CTS8 I Handshake input RTS0 to RTS3, RTS5, RTS8 O Handshake output CLK0 to CLK3, CLK5, CLK8 I/O Transmit/receive clock input/output RXD0 to RXD3, RXD5, RXD8 I Serial data input TXD0 to TXD3, TXD5, TXD8 O Serial data output. TXD2 output is N-channel open drain I2C-bus (simplified) SDA0 to SDA3, SDA5 I/O Serial data input/output. SDA2 output is N-channel open drain SCL0 to SCL3, SCL5 I/O Transmit/receive clock input/output. SCL2 output is N-channel open drain Serial interface special functions STXD0 to STXD3, STXD5 O Serial data output in slave mode. STXD2 is N-channel open drain SRXD0 to SRXD3, SRXD5 I Serial data input in slave mode SS0 to SS3, SS5 I Input to control serial interface special functions A/D converter AN_0 to AN_7, AN0_0 to AN0_3, AN2_0 to AN2_7 I Analog input for the A/D converter ADTRG I External trigger input for the A/D converter D/A converter DA0 O Output for the D/A converter Reference voltage input VREF I Reference voltage input for the A/D converter and D/A converter |