| 전자부품 데이터시트 검색엔진 |
|
R5F564MFCDLC 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F564MFCDLC 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 67 page ![]() RX64M Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0173EJ0090 Rev.0.90 Page 2 of 67 Feb 28, 2014 1. Overview 1.1 Outline of Specifications Table 1.1 lists the specifications in outline, and Table 1.2 gives a comparison of the functions of products in different packages. Table 1.1 shows the outline of maximum specifications, and the number of peripheral module channels differs depending on the pin number on the package and the code flash memory capacity. For details, see Table 1.2, Comparison of Functions for Different Packages. Table 1.1 Outline of Specifications (1/9) Classification Module/Function Description CPU CPU Maximum operating frequency: 120 MHz 32-bit RX CPU (RX v2) Minimum instruction execution time: One instruction per state (cycle of the system clock) Address space: 4-Gbyte linear Register set of the CPU General purpose: Sixteen 32-bit registers Control: Ten 32-bit registers Accumulator: Two 72-bit registers Basic instructions: 75 Floating-point instructions: 11 DSP instructions: 23 Addressing modes: 10 Data arrangement Instructions: Little endian Data: Selectable as little endian or big endian On-chip 32-bit multiplier: 32 × 32 → 64 bits On-chip divider: 32 / 32 → 32 bits Barrel shifter: 32 bits FPU Single precision (32-bit) floating point Data types and floating-point exceptions in conformance with the IEEE754 standard Memory Flash memory (code flash) Capacity: 2 Mbytes, 2.5 Mbytes, 3 Mbytes, 4 Mbytes 120 MHz, no-wait access On-board programming: Four types Off-board programming (parallel programmer mode) E2 data flash Capacity: 64 Kbytes Programming/erasing: 100,000 times RAM Capacity: 512 Kbytes 120 MHz, no-wait access RAM with ECC Capacity: 32 Kbytes 120 MHz, single wait access SEC-DED (single error correction/double error detection) Standby RAM Capacity: 8 Kbytes Operation synchronized with PCLKB: Up to 60 MHz, two-cycle access Operating modes Operating modes by the mode-setting pins Single-chip mode Boot mode (for the SCI interface) Boot mode (for the USB interface) User boot mode Operating modes by register setting Single-chip mode, user boot mode On-chip ROM disabled extended mode On-chip ROM enabled extended mode Endian selectable |