| 전자부품 데이터시트 검색엔진 |
|
TNRLA024AE 데이터시트(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
TNRLA024AE 데이터시트(HTML) 7 Page - Renesas Technology Corp |
|
7 / 37 page ![]() RENESAS TECHNICAL UPDATE TN-RL*-A024A/E Date: Apr. 9, 2014 Page 7 of 37 Correct: Figure 7-73. Format of Forced Output Stop Function Control Register 0p (TKBPACTL0p) (1/2) Address: F0630H (TKBPACTL00), F0632H (TKBPACTL01) After reset: 0000H R/W Symbol 15 14 13 12 11 10 9 8 TKBPACTL0p TKBPAFXS0p3 TKBPAFXS0p2 TKBPAFXS0p1 TKBPAFXS0p0 0 0 0 TKBPAFCM0p 7 6 5 4 3 2 1 0 0 TKBPAHZS0p2 TKBPAHZS0p1 TKBPAHZS0p0 TKBPAHCM0p1 TKBPAHCM0p0 TKBPAMD0p1 TKBPAMD0p0 TKBPAFXS0p3 External interruption trigger selection for forced output stop function 2 0 INTP20 can not be used as a trigger. 1 INTP20 can be used as a trigger. Note 1 TKBPAFXS0p2 Comparator trigger selection for forced output stop function 2 0 Comparator 2 can not be used as a trigger. 1 Comparator 2 can be used as a trigger. Note 2 TKBPAFXS0p1 Comparator trigger selection for forced output stop function 2 0 Comparator 1 can not be used as a trigger. 1 Comparator 1 can be used as a trigger. Note 3 TKBPAFXS0p0 Comparator trigger selection for forced output stop function 2 0 Comparator 0 can not be used as a trigger. 1 Comparator 0 can be used as a trigger. Note 2 TKBPAFCM0p Operation mode selection for forced output stop function 2 0 Forced output stop function 2 starts with trigger input, and forced output stop function 2 is cleared at the next counter period. Note 4 1 Forced output stop function 2 starts with trigger input, and forced output stop function 2 is cleared at the next counter period following detection of the reverse edge of the trigger. Note 4 TKBPAHZS0p2 Comparator trigger selection for forced output stop function 1 0 Comparator 2 can not be used as a trigger. 1 Comparator 2 can be used as a trigger. Note 2 TKBPAHZS0p1 Comparator trigger selection for forced output stop function 1 0 Comparator 1 can not be used as a trigger. 1 Comparator 1 can be used as a trigger. Note 3 TKBPAHZS0p0 Comparator trigger selection for forced output stop function 1 0 Comparator 0 can not be used as a trigger. 1 Comparator 0 can be used as a trigger. Note 2 |