| 전자부품 데이터시트 검색엔진 |
|
RG14 데이터시트(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RG14 데이터시트(HTML) 43 Page - Renesas Technology Corp |
|
43 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 43 of 53 Mar. 28, 2014 Command Execution statuses of EEL_Execute/EEL_Handler (eel_status_t) (1/2) Command Execution Status Category Description Corresponding Commands EEL_OK Meaning Normal end All commands Cause None Action to be taken None EEL_BUSY Meaning A command is being executed. All commands Cause None Action to be taken Keep calling EEL_Handler function until the status changes. EEL_ERR_POOL_FULL Meaning Pool full error EEL_CMD_WRITE Cause There is no area that can be used to write the data. Action to be taken Execute EEL_CMD_REFRESH command and restart writing data. EEL_ERR_INITIALIZATION Meaning Initialization error All commands Cause The FDL_Init, FDL_Open, EEL_Init, and EEL_Open functions have not been finished normally. Action to be taken Normally finish the FDL_Init, FDL_Open, EEL_Init, and EEL_Open functions. EEL_ERR_ACCESS_LOCKED Meaning EEPROM emulation lock error Commands other than EEL_CMD_STARTUP and EEL_CMD_FORMAT Cause EEPROM emulation cannot be executed. Action to be taken Make sure that the EEL_CMD_STARTUP command has finished normally. EEL_CMD_UNDEFINED Command error A command that does not exist has been specified. --- EEL_ERR_VERIFY Meaning When the EEL_CMD_STARTUP command was executed: An error occurred during the internal verification processing for the block header or the finally written data. When the EEL_CMD_VERIFY command was executed: An error occurred during the internal verification processing for the active block. EEL_CMD_STARTUP EEL_CMD_VERIFY Cause Some signal levels of flash memory cells were not appropriate. Action to be taken Execute the EEL_CMD_REFRESH command. EEL_ERR_PARAMETER Meaning Parameter error All commands Cause An incorrect command parameter has been specified. Action to be taken Revise the specified parameter. EEL_ERR_REJECTED Meaning Reject error All commands Cause A different command is being executed. Action to be taken Call the EEL_Handler function to terminate the ongoing command. |