| 전자부품 데이터시트 검색엔진 |
|
RL78 데이터시트(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 데이터시트(HTML) 10 Page - Renesas Technology Corp |
|
10 / 18 page ![]() RL78 Family EEPROM Emulation Library Pack02 Ver.1.01 Release Note R20UT2645EJ0100 Rev.1.00 Page 10 of 15 Mar 28, 2014 (4) Specifying the link directive file In the CubeSuite+ Project Tree window, right-click the File node, click Add, and then click Add File. The Add Existing File dialog box is displayed (as shown in Figure 6-8). Click the Files of type drop-down list, select Link Directive File (*.dr;*.dir), and then register the link directive file that has the same name as the user-created program. Figure 6-8. Specifying the Link Directive File (5) Building On the CubeSuite Build menu, click Build Project to build the project. 6.3 Notes at Build (1) When the on-chip debugging function is in use After the on-chip debugging function is enabled in the CubeSuite+, building a program generates the following type of error. This error occurs when the segment for the monitor area (OCDROM) used by the on-chip debugging function cannot be allocated. Therefore, to avoid this error, add the following code to the link directive file (*.dr) embedded in the project and prepare a separate area for allocating the segment. Note: 1. xxxxx: Start address at where the error has occurred 2. The area name "OCD_ROM" is a reference example. 1 3 2 4 RA78K0R error E3212: Default segment can't allocate to memory - ignored Segment '??OCDROM' at xxxxxH-200H MEMORY OCD_ROM : ( 0xxxxxH, 00200H ) |