| 전자부품 데이터시트 검색엔진 |
|
THS4151CDGNG4 데이터시트(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
THS4151CDGNG4 데이터시트(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 35 page ![]() DISSIPATION RATING TABLE RECOMMENDED OPERATING CONDITIONS ELECTRICAL CHARACTERISTICS THS4150 THS4151 www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009 POWER RATING(2) θ JA (1) θ JC PACKAGE (°C/W) (°C/W) TA = 25°C TA = 85°C D 97.5 38.3 1.02 W 410 mW DGN 58.4 4.7 1.71 W 685 mW DGK 260 54.2 385 mW 154 mW (1) This data was taken using the JEDEC standard High-K test PCB. (2) Power rating is determined with a junction temperature of 125°C. This is the point where distortion starts to substantially increase. Thermal management of the final PCB should strive to keep the junction temperature at or below 125°C for best performance and long term reliability. MIN TYP MAX UNIT Dual supply ±2.5 ±15 VCC+ to Supply voltage V VCC– Single supply 5 30 C suffix 0 70 TA Operating free-air temperature °C I suffix –40 85 At VCC = 15 V, RL = 800 Ω, TA = 25°C (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DYNAMIC PERFORMANCE VCC = 5 150 Gain = 1, BW Small-signal bandwidth (–3 dB) VCC = ±5 150 MHz Rf = 390 Ω VCC = ±15 150 VCC = 5 80 Gain = 2, BW Small-signal bandwidth (–3 dB) VCC = ±5 81 MHz Rf = 750 Ω VCC = ±15 81 SR Slew rate(1) VCC = ±15, Gain = 1 650 V/ µs Settling time to 0.1% 53 Differential step voltage = 2 VPP, ts ns Gain = 1 Settling time to 0.01% 247 DISTORTION PERFORMANCE f = 1 MHz –85 VCC = 5 f = 8 MHz –66 Total harmonic distortion f = 1 MHz –83 THD Differential input, differential output Gain = 1, VCC = ±5 dB f = 8 MHz –65 Rf = 390 Ω, RL = 800 Ω, VO= 2 VPP f = 1 MHz –84 VCC = ±15 f = 8 MHz –65 Spurious free dynamic range (SFDR) VO = 2 VPP, f = 1 MHz –87 dB VO = 0.14 VRMS, Gain = 1, Third intermodulation distortion –95 dBc f = 20 MHz NOISE PERFORMANCE Vn Input voltage noise f > 10 kHz 7.6 nV/ √Hz In Input current noise f > 10 kHz 1.78 pA/ √Hz (1) Slew rate is measured from an output level range of 25% to 75%. Copyright © 2000–2009, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): THS4150 THS4151 |