| 전자부품 데이터시트 검색엔진 |
|
CCVGA7C5G-R16-R 데이터시트(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
CCVGA7C5G-R16-R 데이터시트(HTML) 4 Page - Unisonic Technologies |
|
4 / 6 page ![]() CCVGA7C5 Preliminary TVS UNISONICTECHNOLOGIESCO.,LTD 4 of 6 www.unisonic.com.tw QW-R223-021.a ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Supply Voltage Inputs VCC, VRGB, VAUX GND-0.5 ~ +6.0 V Diode Forward Current (One Diode Conducting at a Time) 20 mA DC Voltage at Inputs R, G, B GND-0.5 ~ VRGB +0.5 V HSYNC, VSYNC GND-0.5 ~ VAUX +0.5 V DDC_CLK, DDC_DATA GND-0.5 ~ VCC +0.5 V Package Power Rating 750 mW Operating Temperature Range TOPR 0 ~ +70 °C Storage Temperature Range TSTG −40 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. STANDARD OPERATING CONDITIONS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Main Supply Voltage VCC 4.5 5.5 V RGB Supply Voltage VRGB 1.7 3.7 V Auxiliary Supply Voltage VAUX 2.9 3.7 V Logic High Input Voltage (Note) VIH 2.0 V Logic Low Input Voltage (Note) VIL 0.8 V Input Voltage RGB VI 0 VRGB V HSYNC, VSYNC 0 VAUX V DDC_CLK, DDC_DATA 0 VCC V High Level Output Current (Note 1) IOH -8 mA Low Level Output Current (Note 1) IOL 8 mA Free−Air Operating Temperature TA 0 +70 °C Note: These parameters apply only to the HSYNC and VSYNC signals. |