전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMH6554LEENOPB 데이터시트(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LMH6554LEENOPB
상세설명  LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6554LEENOPB 데이터시트(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6554LEENOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 12Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 13Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 14Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 15Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 16Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
RG
RG
VCM
RL
VO
RF
RF
CL
RO
RO
VEN
+
-
VS
a
RM
RT
RS
LMH6554
0.1 PF
0.1 PF
LMH6554
www.ti.com
SNOSB30O – OCTOBER 2008 – REVISED MARCH 2013
When using the LMH6554 in single-to-differential mode, the complimentary output is forced to a phase inverted
replica of the driven output by the common mode feedback circuit as opposed to being driven by its own
complimentary input. Consequently, as the driven input changes, the common mode feedback action results in a
varying common mode voltage at the amplifier's inputs, proportional to the driving signal. Due to the non-ideal
common mode rejection of the amplifier's input stage, a small common mode signal appears at the outputs which
is superimposed on the differential output signal. The ratio of the change in output common mode voltage to
output differential voltage is commonly referred to as output balance error. The output balance error response of
the LMH6554 over frequency is shown in the Typical Performance Characteristics VS = ±2.5V.
To match the input impedance of the circuit in Figure 31 to a specified source resistance, RS, requries that RT ||
RIN = RS. The equations governing RIN and AV for single-to-differential operation are also provide in Figure 31.
These equations, along with the source matching condition, must be solved iteratively to achieve the desired gain
with the proper input termination. Component values for several common gain configuration in a 50
Ω
environment are given in Table 1.
Table 1. Gain Component Values for 50
Ω System
Gain
RF
RG
RT
RM
0dB
200
Ω
191
Ω
62
Ω
27.7
Ω
6dB
200
Ω
91
Ω
76.8
Ω
30.3
Ω
12dB
200
Ω
35.7
Ω
147
Ω
37.3
Ω
Single Supply Operation
Single 5V supply operation is possible: however, as discussed earlier, AC input coupling is recommended due to
input common mode limitations. An example of an AC coupled, single supply, single-to-differential circuit is
shown in Figure 32. Note that when AC coupling, both inputs need to be AC coupled irrespective of single-to-
differential or differential-differential configuration. For higher supply voltages DC coupling of the inputs may be
possible provided that the output common mode DC level is set high enough so that the amplifier's inputs and
outputs are within their specified operation ranges.
Figure 32. AC Coupled for Single Supply Operation
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24