전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPM82 데이터시트(PDF) 3 Page - Sanken electric

부품명 MPM82
상세설명  2 A Non-Isolated Step-Down DC / DC Converter Modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MPM82 데이터시트(HTML) 3 Page - Sanken electric

  MPM82 Datasheet HTML 1Page - Sanken electric MPM82 Datasheet HTML 2Page - Sanken electric MPM82 Datasheet HTML 3Page - Sanken electric MPM82 Datasheet HTML 4Page - Sanken electric MPM82 Datasheet HTML 5Page - Sanken electric MPM82 Datasheet HTML 6Page - Sanken electric MPM82 Datasheet HTML 7Page - Sanken electric MPM82 Datasheet HTML 8Page - Sanken electric MPM82 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
SANKEN ELECTRIC CO., LTD.
2 A Non-Isolated Step-Down DC/ DC Converter Modules
MPM8x Series
March 11, 2013
MPM80-DS, Rev. 0.1
MPM80 Electrical Characteristics1 TA = 25°C, VIN = 12 V, if not otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Reference
Voltage
VFBREF
IO = 1 A
0.784
0.800
0.816
V
Output Voltage Setting Reference
Voltage Temperature Coefficient
ΔVFBREF /ΔTTA = –20 to 85°C
±0.05
mV / °C
Line Regulation2
VLINE
VIN = 8 to 30 V, VO = 5 V, IO = 1 A
–2
2
%
Oscillation Frequency
f
567
630
693
kHz
Load Regulation2
VLOAD
VO = 5 V, IO =0 to 2 A
–3
3
%
Overcurrent Protection (OCP) Starting
Current3
IS
VO = 5 V, drooping/automatic restoration of
operation when fault removed
2.4
4.0
A
Circuit Current
IIN
IO = 0 A, VFB = 1 V
2.5
mA
Overvoltage Protection (OVP) Starting
Voltage4
VOVP
VIN = 8 to 35 V
1.1 ×
VFBREF
–V
MIC Overtemperature Protection
(OTP) Starting Temperature
TJOTP
VIN = 8 to 35 V, automatic restoration of
operation when fault removed
135
150
°C
Undervoltage Lockout (UVLO) Voltage
VUVLO
6.0
7.0
7.5
V
UVLO Release Voltage
VUVLO(OFF)
5.5
6.5
7.0
V
UVLO Hysteresis Voltage4
VUVLOHYS
0.5
V
Minimum Input-Output Difference
VINVO(MIN) When VO is set to 12 V
3
V
Built-In Software Start Time4
tSS
VIN = 12 V, IO = 1.0 A
6.4
ms
Maximum On Duty Cycle4
DMAX
–90–
%
Minimum On-Time4
tMIN
160
ns
Inductance Value
L
4.48
5.60
6.72
μH
1
The Electrical Characteristics value specifications apply when the MPM80 is connected as shown in figure 1.
2
VLINE and VLOAD do not include output voltage setting deviation. Note that output voltage setting deviation is affected by precision of the external
resistors R1 and R2. For details, refer to the Application Information section.
3
When the output voltage, VO , is set to any value other than 5.0 V, the inductance value and operating frequency of the built-in inductor change in
direct proportion with to the setting output voltage. Therefore, the OCP operating point may vary significantly from the value when VO = 5.0 V.
4
Determined by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com