전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PICASO-OGM 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 PICASO-OGM
상세설명  OEM Graphics Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

PICASO-OGM 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PICASO-OGM Datasheet HTML 2Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 3Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 4Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 5Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 6Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 7Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 8Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 9Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
4D SYSTEMS
PICASO OGM Module
© 2013 4D SYSTEMS
Page 6 of 22
www.4dsystems.com.au
I = Input, O = Output, P = Power
OGM Pin Outs (Continued)
Pin
Symbol
I/O
Description
15
BACKLITE
I
Backlight control for external PWM or Digital Control. Please refer to Section 4.3
for information on how this can be controlled externally
16
DISPON
O
Backlight control from the PICASO, must be connected externally to the
BACKLITE pin (Pin 15) in order for PICASO to control the backlight.
17
GND
P
Supply Ground
18
GND
P
Supply Ground
19
RX1
I
Asynchronous serial port 1 receive pin. COM1
20
TX1
O
Asynchronous serial port 1 transmit pin. COM1
21
GND
P
Supply Ground
22
RESET
I
Master Reset, Active Low (GND)
23
TX0
O
Asynchronous serial port 0 transmit pin. COM0
24
RX0
I
Asynchronous serial port 0 receive pin. COM0
25
GND
P
Supply Ground
26
GND
P
Supply Ground
27
I2C_SDA
I/O
I
2C Bidirectional Data
28
I2C_SCL
O
I
2C Clock Output
29
GND
P
Supply Ground
30
GND
P
Supply Ground
31
GND
P
Supply Ground
32
AUDENB
O
Audio Amplified Enable
33
AUDIO
O
Raw PWM Audio Output (requires external components)
34
GND
P
Supply Ground
35
GND
P
Supply Ground
36
BUS0
I/O
IO Bus (BUS0..7) bit 0
37
BUS1
I/O
IO Bus (BUS0..7) bit 1
38
BUS2
I/O
IO Bus (BUS0..7) bit 2
39
BUS3
I/O
IO Bus (BUS0..7) bit 3
40
BUS4
I/O
IO Bus (BUS0..7) bit 4
41
BUS5
I/O
IO Bus (BUS0..7) bit 5
42
BUS6
I/O
IO Bus (BUS0..7) bit 6
43
BUS7
I/O
IO Bus (BUS0..7) bit 7
44
GND
P
Supply Ground
45
IO5
I/O
General Purpose Input/Output 5 Pin
46
IO4
I/O
General Purpose Input/Output 4 Pin
47
IO3
I/O
General Purpose Input/Output 3 Pin
48
IO2
I/O
General Purpose Input/Output 2 Pin
49
IO1
I/O
General Purpose Input/Output 1 Pin
50
RAW+3.3V
P
Supply Input +3.3VDC to +3.6VDC, +3.3VDC Nominal
51
GND
P
Supply Ground
52
RAW+VCC
P
Backlight Supply Input +3.3VDC to +5.5VDC, +5VDC Nominal
53
GND
P
Supply Ground
54
GND
P
Supply Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com