| 전자부품 데이터시트 검색엔진 |
|
LMV321M7NOPB 데이터시트(PDF) 35 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMV321M7NOPB 데이터시트(HTML) 35 Page - National Semiconductor (TI) |
|
35 / 45 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LMV358MM VSSOP DGK 8 1000 178.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LMV358MM/NOPB VSSOP DGK 8 1000 178.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LMV358MMX/NOPB VSSOP DGK 8 3500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LMV358MX SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LMV358MX/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LMV358Q1MAX/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LMV358Q1MM/NOPB VSSOP DGK 8 1000 178.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LMV358Q1MMX/NOPB VSSOP DGK 8 3500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LMV358Q3MAX/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 LMV358Q3MM/NOPB VSSOP DGK 8 1000 178.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 LMV358Q3MMX/NOPB VSSOP DGK 8 3500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LMV321M5 SOT-23 DBV 5 1000 210.0 185.0 35.0 LMV321M5X SOT-23 DBV 5 3000 210.0 185.0 35.0 LMV321M7 SC70 DCK 5 1000 210.0 185.0 35.0 LMV321M7/NOPB SC70 DCK 5 1000 210.0 185.0 35.0 LMV321M7X SC70 DCK 5 3000 210.0 185.0 35.0 LMV321M7X/NOPB SC70 DCK 5 3000 210.0 185.0 35.0 PACKAGE MATERIALS INFORMATION www.ti.com 21-Feb-2014 Pack Materials-Page 2 |