| 전자부품 데이터시트 검색엔진 |
|
U74HC244L-S20-R 데이터시트(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC244L-S20-R 데이터시트(HTML) 3 Page - Unisonic Technologies |
|
3 / 5 page ![]() U74HC244 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R502-196.C ABSOLUTE MAXIMUM RATINGS (unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5~7 V Input Clamp Current IIK ±20 mA Output Clamp Current IOK ±20 mA Output Current IOUT ±35 mA VCC or GND Current ICC ±70 mA Storage Temperature TSTG -65 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC 2 6 V Input Voltage VIN 0 VCC V Output Voltage VOUT 0 VCC V Input Rise or Fall Times tR, tF VCC=2V 1000 ns VCC=4.5V 500 ns VCC=6V 400 ns Operating Temperature TA -40 85 °C STATIC CHARACTERISTICS (TA=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-Level Input Voltage VIH VCC=2V 1.5 V VCC=4.5V 3.15 V VCC=6V 4.2 V Low-Level Input Voltage VIL VCC=2V 0.5 V VCC=4.5V 1.35 V VCC=6V 1.8 V High-Level Output Voltage VOH VCC=2V, IOH=-20μA 1.9 1.998 V VCC=4.5V, IOH=-20μA 4.4 4.499 V VCC=6V, IOH=-20μA 5.9 5.999 V VCC=4.5V, IOH=-6mA 3.98 4.3 V VCC=6V, IOH=-7.8mA 5.48 5.8 V Low-Level Output Voltage VOL VCC=2V, IOL=20μA 0.002 0.1 V VCC=4.5V, IOL=20μA 0.001 0.1 V VCC=6V, IOL=20μA 0.001 0.1 V VCC=4.5V, IOL =6mA 0.17 0.26 V VCC=6V, IOL =7.8mA 0.15 0.26 V Input Leakage Current II(LEAK) VCC=6V, VIN=VCC or 0 ±100 nA Output OFF-State Current IOZ VCC=6V,VOUT=VCC or 0,VIN=VIH or VIL ±0.5 μA Quiescent Supply Current IQ VCC=6V, VIN=VCC or 0, IOUT=0 8 μA Input Capacitance CIN VCC=2V~6V 3 10 pF |