전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U74AHC640G-R20-T 데이터시트(PDF) 6 Page - Unisonic Technologies

부품명 U74AHC640G-R20-T
상세설명  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC640G-R20-T 데이터시트(HTML) 6 Page - Unisonic Technologies

  U74AHC640G-R20-T Datasheet HTML 1Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 2Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 3Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 4Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 5Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 6Page - Unisonic Technologies U74AHC640G-R20-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
U74HC640
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R126-008.A
TEST CIRCUIT AND WAVEFORMS(Cont.)
VM
VIN
0V
VOH
VOL
Voltage Waveforms Propagation Delay and Output Transition Times
Input
Output
tPLH
tPHL
tPLH
tPHL
VOH
VOL
Output
10%
90%
tR
10%
90%
tF
10%
90%
tF
10%
90%
tR
VM
VM
VM
VM
VM
VM
VIN
0V
VOH
Input
Output
tPZH
tPHZ
tPLZ
tPZL
VLOAD
VOL
Output
S1 at GND
S1 at VLOAD
VOH-VΔ
VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES
0V
VOL+VΔ
VM
VM
VM
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤1MHz, ZO = 50Ω,
tR=6ns, tF=6ns.
3. tPLH and tPHL are the same as tPD .
4. tPLZ and tPHZ are the same as tDIS .
5. tPZH and tPZL are the same as tEN .



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com