| 전자부품 데이터시트 검색엔진 |
|
4128D 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
4128D 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 4128D Preliminary NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R204-029.A MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR DESCRIPTION The UTC 4128D is a middling voltage NPN power transistor. it uses UTC’s advanced technology to provide customers with high switching speed and high reliability, etc. The UTC 4128D is suitable for commonly power amplifier circuit, electronic ballasts and energy-saving light etc. FEATURES * High switching speed * High reliability SYMBOL TO-126 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4128DL-T60-K 4128DG-T60-K TO-126 B C E Bulk Note: Pin Assignment: B: Base C: Collector E: Emitter 4128DL-T60-T (1)Packing Type (2)Package Type (3)Lead Free (1) B: Bulk (2) T60: TO-126 (3) L: Lead Free, G: Halogen Free |
유사한 부품 번호 - 4128D |
|
유사한 설명 - 4128D |