전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1934026-1 데이터시트(PDF) 18 Page - Tyco Electronics

부품명 1934026-1
상세설명  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 데이터시트(HTML) 18 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 14Page - Tyco Electronics 1934026-1 Datasheet HTML 15Page - Tyco Electronics 1934026-1 Datasheet HTML 16Page - Tyco Electronics 1934026-1 Datasheet HTML 17Page - Tyco Electronics 1934026-1 Datasheet HTML 18Page - Tyco Electronics 1934026-1 Datasheet HTML 19Page - Tyco Electronics 1934026-1 Datasheet HTML 20Page - Tyco Electronics 1934026-1 Datasheet HTML 21Page - Tyco Electronics 1934026-1 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in MicroTCA Specification (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Vertical Receptacle
Part Number 1469920-1
(tin-lead pcb tails)
Part Number 1469920-2
(tin plated pcb tails)
The vertical connector
consists of 72 2 mm pin
and 24 UPM receptacle
contacts. The contacts
have compliant pin tails for
press-fit applications.
56.20
[2.213]
Ref.
13.50
[.531]
Ref.
20.62
[.812]
2 Plcs.
9.50
[.374]
Ref.
5.50
[.217]
Ref.
4.75
[.187]
Ref.
11.12
[.438]
Ref.
22.00
[.866]
Ref.
23.30 ± 0.10
[.917 ± .004]
39.30 ± 0.10
[1.547 ± .004]
Ø 3.98 ± 0.08
[.157 ± .003]
Ø 3.98 ± 0.08
[.157 ± .003]
Position 1
Position 13
7.81
[.307]
0.50
[.020]
Ref.
72 Plcs.
Ref.
17.00 ± 0.20
[.670 ± .008]
2 Plcs.
61.10 ± 0.20
[2.406 ± .008]
0.75 ± 0.05
[.030 ± .002]
11.50
[.452]
Typ. Chamfer
x 45°
1.00
[.039]
To Centerline of Cavity
Ref.
5.50
[.217]
Sense Pin Location (1A)
0.40
[.015]
2.57
[.101]
2.00
[.079]
2.00
[.079]
Ref.
72 Plcs.
MINIPAK HD Power
Connectors (Continued)
Note: Part Numbers are RoHS compliant except:
Indicates “5 of 6 compliant” (lead in solderable interface only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com