| 전자부품 데이터시트 검색엔진 |
|
UCD4021BG-P16-R 데이터시트(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCD4021BG-P16-R 데이터시트(HTML) 8 Page - Unisonic Technologies |
|
8 / 10 page ![]() UCD4021B Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 8 of 10 www.unisonic.com.tw QW-R502-889.b TEST CIRCUIT AND WAVEFORMS(Cont.) VM VM VM VM VIN 0V VOH VOL Input Output t PLH tPHL t PLH t PHL VOH VOL Output VM VM 10% 90% t r 10% 90% t f 10% 90% t f 10% 90% t r Notes: 1. CL includes probe and jig capacitance. 2. All input pulses are supplied by generators having the following characteristics: PRR ≤1MHz, ZO = 50Ω. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 CK SER.DATA CL 500uF 0.1uF VCC (¼ f CK ) CL CL ID DYNAMIC POWER DISSIPATION TEST CIRCUIT |