| 전자부품 데이터시트 검색엔진 |
|
SC16-1200 데이터시트(PDF) 2 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC16-1200 데이터시트(HTML) 2 Page - Socay Electornics Co., Ltd. |
|
2 / 5 page ![]() Radial Lead Resettable Polymer PTCs Revision September 12, 2013 2 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC16 Series SOCAY Electronics Co., Ltd. www.socay.com Ambient Operation Temperature -40 °C -20 °C 0 °C 25 °C 40 °C 50 °C 60 °C 70 °C 85 °C Part Number Hold Current (A) SC16-050 0.73 0.65 0.58 0.50 0.42 0.39 0.34 0.31 0.26 SC16-065 0.94 0.85 0.75 0.65 0.54 0.50 0.44 0.40 0.34 SC16-075 1.09 0.98 0.86 0.75 0.62 0.58 0.51 0.46 0.39 SC16-090 1.31 1.17 1.04 0.90 0.75 0.69 0.61 0.55 0.47 SC16-110 1.60 1.43 1.27 1.10 0.91 0.85 0.75 0.67 0.57 SC16-120 1.74 1.56 1.38 1.20 1.00 0.92 0.82 0.73 0.62 SC16-135 1.96 1.76 1.55 1.35 1.12 1.04 0.92 0.82 0.70 SC16-160 2.32 2.08 1.84 1.60 1.33 1.23 1.09 0.98 0.83 SC16-185 2.68 2.41 2.13 1.85 1.54 1.42 1.26 1.13 0.96 SC16-250 3.53 3.25 2.88 2.50 2.08 1.93 1.70 1.53 1.30 SC16-200 2.94 2.66 2.40 2.00 1.74 1.60 1.40 1.26 0.94 SC16-300 4.40 4.00 3.60 3.00 2.60 2.40 2.10 1.90 1.40 SC16-400 5.90 5.30 4.80 4.00 3.50 3.20 2.80 2.50 1.90 SC16-500 7.30 6.60 6.00 5.00 4.40 4.00 3.60 3.10 2.40 SC16-600 8.80 8.00 7.20 6.00 5.20 4.80 4.20 3.80 2.80 SC16-700 10.3 9.30 8.40 7.00 6.20 5.60 5.00 4.40 3.30 SC16-800 11.7 10.7 9.60 8.00 6.90 6.40 5.60 5.10 3.70 SC16-900 13.2 11.9 10.7 9.00 7.90 7.20 6.40 5.60 4.20 SC16-1000 14.7 13.3 12.0 10.0 8.70 8.00 7.00 6.30 4.70 SC16-1100 16.1 14.6 13.1 11.0 9.70 8.80 7.80 6.90 5.20 SC16-1200 17.6 16.0 14.4 12.0 10.4 9.60 8.40 7.60 5.60 SC16-1400 20.5 18.7 16.8 14.0 12.1 11.2 9.80 8.90 6.50 A=SC16-050~ SC16-250 A=SC16-075 B=SC16-090 C=SC16-110 D=SC16-120 E=SC16-135 F=SC16-160 G=SC16-185 H=SC16-250 Temperature Rerating Chart – I hold (A) Temperature Rerating Curve Average Time Current Curves Current in Amperes Temperature ( °C) A A |