| 전자부품 데이터시트 검색엔진 |
|
P11LC 데이터시트(PDF) 5 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
P11LC 데이터시트(HTML) 5 Page - Socay Electornics Co., Ltd. |
|
5 / 5 page ![]() Thyristor Surge Suppressors (TSS) Revision September 25, 2013 5 / 5 @SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. P0080LC - P5000LC Series - DO-27 @10/700 μS, 6KV SOCAY Electronics Co., Ltd. www.socay.com Inches Millimeters Dimensions Min Max Min Max B 0.028 0.042 0.711 1.067 D 0.190 0.205 4.826 5.207 G 0.360 0.375 9.146 9.527 L 1.000 25.40 Part Number Description Quantity Industry Standard DO-27 Axial Tape & Reel 1000 EIA-RS-296-D Pxxx0LC DO-27 Bulk Pack 500 N/A Part Numbering Part Marking Dimensions DO-27 Part Marking Code (Refer to Electrical Characteristics Table) Date code Packaging 2.55 (64.8) 2.07 (52.6) 0.24 (6.10) 0.20 (5.08) 2.7 (68.6) 0.68 (17.27) 3.52 (89.40) 13 (330.2) Direction of Feed Dimensions are in inches (and millimeters) Tape and Reel Specifications DO-27 |