전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6208PD 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 L6208PD
상세설명  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 4Page - STMicroelectronics L6208PD Datasheet HTML 5Page - STMicroelectronics L6208PD Datasheet HTML 6Page - STMicroelectronics L6208PD Datasheet HTML 7Page - STMicroelectronics L6208PD Datasheet HTML 8Page - STMicroelectronics L6208PD Datasheet HTML 9Page - STMicroelectronics L6208PD Datasheet HTML 10Page - STMicroelectronics L6208PD Datasheet HTML 11Page - STMicroelectronics L6208PD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Electrical characteristics
L6208
8/35
DocID7514 Rev 2
4
Electrical characteristics
Table 5. Electrical characteristics
(Tamb = 25 °C, Vs = 48 V, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VSth(ON)
Turn-on threshold
6.6
7
7.4
V
VSth(OFF) Turn-off threshold
5.6
6
6.4
V
IS
Quiescent supply current
All bridges OFF;
Tj = -25 °C to 125 °C(1)
510
mA
Tj(OFF)
Thermal shutdown temperature
165
C
Output DMOS transistors
RDS(ON)
High-side switch ON resistance
Tj = 25 °C
0.34
0.4
W
Tj = 125 °C(1)
0.53
0.59
W
Low-side switch ON resistance
Tj = 25 °C
0.28
0.34
W
Tj =125 °C(1)
0.47
0.53
W
IDSS
Leakage current
EN = low; OUT = VS
2mA
EN = low; OUT = GND
-0.15
mA
Source drain diodes
VSD
Forward ON voltage
ISD = 2.8 A, EN = LOW
1.15
1.3
V
trr
Reverse recovery time
If = 2.8 A
300
ns
tfr
Forward recovery time
200
ns
Logic inputs (EN, CONTROL, HALF/FULL, CLOCK, RESET, CW/CCW)
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
IIL
Low level logic input current
GND logic input voltage
-10
µA
IIH
High level logic input current
7 V logic input voltage
10
µA
Vth(ON)
Turn-on input threshold
1.8
2.0
V
Vth(OFF)
Turn-off input threshold
0.8
1.3
V
Vth(HYS)
Input threshold hysteresis
0.25
0.5
V
Switching characteristics
tD(ON)EN Enable to output turn-on delay time(2)
ILOAD = 2.8 A, resistive load
100
250
400
ns
tD(OFF)EN Enable to output turn-off delay time(2)
ILOAD = 2.8 A, resistive load
300
550
800
ns
tRISE
Output rise time(2)
ILOAD = 2.8 A, resistive load
40
250
ns
tFALL
Output fall time(2)
ILOAD = 2.8 A, resistive load
40
250
ns
tDCLK
Clock to output delay time(3)
ILOAD = 2.8 A, resistive load
2
µs
tCLK(min)L Minimum clock time(4)
1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com