| 전자부품 데이터시트 검색엔진 |
|
L9733 데이터시트(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9733 데이터시트(HTML) 10 Page - STMicroelectronics |
|
10 / 34 page ![]() Operating conditions L9733 10/34 Doc ID 11319 Rev 11 2.3 Thermal data Table 5. Thermal data Symbol Parameter Min Typ Max Unit Tamb Operating ambient temperature -40 - 125 °C Tstg Storage temperature -50 - 150 °C Tj Maximum operating junction temperature - - 150 °C Rth Thermal shutdown temperature 151 175 200 °C Rth-hys Thermal shutdown temperature hysteresis 7 10 25 °C RTh j-amb Thermal resistance junction-to-ambient (1) 1. With 2s2p PCB thermally enhanced. -- 24 °C/W RTh j-case Thermal resistance junction-to-case - - 3 °C/W |