전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

20D301K 데이터시트(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

부품명 20D301K
상세설명  Metal Oxide Varistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RUILON [Ruilongyuan Electronics Co.,Ltd]
홈페이지  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

20D301K 데이터시트(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  20D301K Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 20D301K Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 20D301K Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 20D301K Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 20D301K Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 20D301K Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 20D301K Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Metal Oxide Varistors - 20D Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Type Number
Maximum
Allowable Voltage Varistor Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
Maximum Energy
(10/1000μs)
Rated
Power
Typical
Capacitance
(Reference)
Standard
High Surge VAC(V) VDC(V)
V1mA(V)
IP(A) VC(V)
I(A)
Standard
I(A)
High Surge
(J)
Standard
(J)
High Surge
(W)
@1KHz(pf)
20D180K
20D180KJ
11
14
18(15~21.6)
20
36
2000
3000
11
13
0.2
28500
20D220K
20D220KJ
14
18
22(19.5~26)
20
43
2000
3000
14
16
0.2
18500
20D270K
20D270KJ
17
22
27(24~30)
20
53
2000
3000
16
19
0.2
13000
20K330K
20K330KJ
20
26
33(29.5~36.5)
20
65
2000
3000
23
24
0.2
11500
20D390K
20D390KJ
25
31
39(35~43)
20
77
2000
3000
26
28
0.2
8500
20D470K
20D470KJ
30
38
47(42~54)
20
93
2000
3000
30
34
0.2
7400
20D560K
20D560KJ
35
45
56(50~62)
20
100
2000
3000
41
41
0.2
6500
20D680K
20D680KJ
40
56
68(61~75)
20
135
2000
3000
46
49
0.2
5800
20D820K
20D820KJ
50
65
82(74~90)
100
135
6500
10000
38
56
1.0
4900
20D101K
20D101KJ
60
85
100(90~110)
100
165
6500
10000
45
70
1.0
4000
20D121K
20D121KJ
75
100
120(108~132)
100
200
6500
10000
55
85
1.0
3300
20D151K
20D151KJ
95
125
150(135~165)
100
250
6500
10000
70
106
1.0
2700
20D181K
20D181KJ
115
150
180(162~198)
100
300
6500
10000
85
130
1.0
2200
20D201K
20D201KJ
130
170
200(180~220)
100
340
6500
10000
95
140
1.0
2000
20D221K
20D221KJ
140
180
220(198~242)
100
360
6500
10000
100
155
1.0
1800
20D241K
20D241KJ
150
200
240(216~264)
100
395
6500
10000
108
168
1.0
1650
20D271K
20D271KJ
175
225
270(243~297)
100
455
6500
10000
127
190
1.0
1500
20D301K
20D301KJ
190
250
300(270~330)
100
500
6500
10000
136
210
1.0
1300
20D331K
20D331KJ
210
275
330(297~363)
100
550
6500
10000
150
228
1.0
1200
20D361K
20D361KJ
230
300
360(324~396)
100
595
6500
10000
163
255
1.0
1100
20D391K
20D391KJ
250
320
390(351~429)
100
650
6500
10000
180
275
1.0
1000
20D431K
20D431KJ
275
350
430(387~473)
100
710
6500
10000
190
305
1.0
930
20D471K
20D471KJ
300
385
470(423~517)
100
775
6500
10000
220
350
1.0
850
20D511K
20D511KJ
320
415
510(459~561)
100
845
6500
10000
220
360
1.0
780
20D561K
20D561KJ
350
460
560(504~616)
100
925
6500
10000
220
380
1.0
710
20D621K
20D621KJ
385
505
620(558~682)
100 1025 6500
10000
220
390
1.0
650
20D681K
20D681KJ
420
560
680(612~748)
100 1120
6500
10000
230
400
1.0
600
20D751K
20D751KJ
460
615
750(675~825)
100 1240 6500
10000
255
420
1.0
580
20D781K
20D781KJ
485
640
780(702~858)
100 1290 6500
10000
265
440
1.0
560
20D821K
20D821KJ
510
670
820(738~902)
100 1355 6500
10000
282
460
1.0
525
20D911K
20D911KJ
550
745
910(819~1001)
100 1500 6500
10000
310
510
1.0
495
20D102K
20D102KJ
625
825
1000(900~1100)
100 1650 6500
10000
342
565
1.0
480
20D112K
20D112KJ
680
895
1100(990~1210)
100 1815 6500
10000
383
620
1.0
460
20D122K
20D122KJ
740
975
1200(1080~1320) 100 2010 6500
10000
412
660
1.0
440
20D142K
20D142K
850
1100 1400(1260~1540) 100 2255 6500
10000
470
725
1.0
415
20D152K
20D152K
900
1220
1500(135~1650)
100 2475 6500
10000
529
815
1.0
400
20D162K
20D162KJ
1000
1280 1600(1440~1760) 100 2640 6500
10000
606
896
1.0
330
20D182K
20D182KJ
1000
1465 1800(1620~1980) 100 2970 6500
10000
625
660
1.0
320



Html Pages

1 2 3 4 5 6 7