전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EZAST 데이터시트(PDF) 8 Page - Panasonic Semiconductor

부품명 EZAST
상세설명  Chip RC Networks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZAST 데이터시트(HTML) 8 Page - Panasonic Semiconductor

  EZAST Datasheet HTML 1Page - Panasonic Semiconductor EZAST Datasheet HTML 2Page - Panasonic Semiconductor EZAST Datasheet HTML 3Page - Panasonic Semiconductor EZAST Datasheet HTML 4Page - Panasonic Semiconductor EZAST Datasheet HTML 5Page - Panasonic Semiconductor EZAST Datasheet HTML 6Page - Panasonic Semiconductor EZAST Datasheet HTML 7Page - Panasonic Semiconductor EZAST Datasheet HTML 8Page - Panasonic Semiconductor EZAST Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Chip RC Networks
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Preheating
Peak
Heating
Time
■ Recommended Soldering Conditions
Recommendations and precautions are described below.
The following are precautions for individual products. Please also refer to the precautions common to EMI Filters,
Fuses, and Sensors(MR Elements) shown on page EX2 of this catalog.
1. Take measures against mechanical stress during and after mounting of Chip RC Networks (hereafter called the RC networks)
so as not to damage their electrodes and protective coatings.
Be careful not to misplace the RC networks on the land patterns. Otherwise, solder bridging may occur.
2. Do not use halogen-based or other high-activity flux. Otherwise, the residue may impair the RC networks' performance
and/or reliability.
3. Perform sufficient preheating so that the difference of the solder temperature and the RC networks chip surface
temperature becomes 100 °C or less. Maintain the temperature difference within 100 °C during rapid cooling by
immersion into solvent after soldering.
4. When soldering with a soldering iron, never touch the RC networks' bodies with the tip of the soldering iron. When
using a soldering iron with a high temperature tip, finish soldering as quickly as possible (within three seconds at
350 °C max.).
5. As the amount of applied solder becomes larger, the mechanical stress applied to the RC networks increases, causing
problems such as cracks and faulty characteristics. Avoid applying an excessive amounts of solder.
6. Do not apply shock to the RC networks or pinch them with a hard tool (e.g. pliers and tweezers). Otherwise, the RC networks'
protective coatings and bodies may be chipped, affecting their performance.
7. Avoid excessive bending of printed circuit boards in order to protect the RC networks from abnormal stress.
8. The static capacitance may decrease by a few percent from the time of shipment due to the characteristics peculiar to
dielectric materials having a high dielectric constant.
Safety Precautions
● Flow Soldering
We do not recommend flow soldering to the product, because solder bridging may occur due to the
narrow pitch of the terminals and the characteristics of the product may be badly affected when using
adhesive to affix it to a circuit board.
● Recommended soldering conditions for reflow
·R
eflow soldering shall be performed a maximum of
two times.
·Please contact us for additional information when
used in conditions other than those specified.
·Please measure the temperature of the terminals and
study every kind of solder and printed circuit board
for solderability before actual use.
For soldering (Example : Sn/Pb)
Temperature
Time
Preheating
140 °C to 160 °C
60 s to120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 5 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 180 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
This product has circuits on both sides. Therefore, do not use
adhesives because they may impair the products characteristics.
For lead-free soldering (Example : Sn/Ag/Cu)
Feb. 2006



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com