| 전자부품 데이터시트 검색엔진 |
|
CPC5602CTR 데이터시트(PDF) 2 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC5602CTR 데이터시트(HTML) 2 Page - Clare, Inc. |
|
2 / 4 page ![]() www.clare.com 2 CPC5602C Rev. 1 Package Pinout D 4 1 2 3 G D S Pin # Name 1GATE 2 DRAIN 3 SOURCE 4 DRAIN Electrical characteristics (@0 to 85oC unless otherwise specified) PARAMETERS SYMBOL MIN TYP MAX UNITS CONDITIONS Breakdown Voltage V (BR)DSS 350 - -- V V GS=-5v, ID<100µA Gate-to-Source Off Voltage V GS1 -3.6 -2 V I D=2uA, 10V<VDS<100V Drain Current 1 I D1 -- 5 mA V GS=-2.7V, 5V<VDS<50V Drain Current 2 I D2 130 - - mA V GS=-0.57V, 5V<VDS<50V Continuous Drain Current 1 I DC1 125 - - mA V DS=7V Continuous Drain Current 2 I DC2 60 - - mA V DS=40V On Resistance R DS -8 10 Ω V GS=-0.35V,0 .1V<VDS<0.2V Gate Leakage Current I GSS -- .1 µA -10V<V GS<10V Gate Capacitance C ISS - - 300 pF V DS= VGS=0V Thermal Resistance O JC -- 14 oC/W |