전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCPB2012W331MPF 데이터시트(PDF) 5 Page - Socay Electornics Co., Ltd.

부품명 SCPB2012W331MPF
상세설명  Chip Ferrite Bead for Automotive Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOCAY [Socay Electornics Co., Ltd.]
홈페이지  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCPB2012W331MPF 데이터시트(HTML) 5 Page - Socay Electornics Co., Ltd.

  SCPB2012W331MPF Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 5Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 6Page - Socay Electornics Co., Ltd. SCPB2012W331MPF Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Chip Ferrite Bead for Automotive Applications
Qualified based on AEC-Q200
Revision February 13, 2014
5 / 7
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCGB-W SCHB-W & SCPB-W Series
SOCAY Electronics Co., Ltd.
www.socay.com
For lead free solder
Unit: mm
Symbol
1005
(EIA 0402)
1608
(EIA 0603)
2012
(EIA 0805)
3216
(EIA 1206)
3225
(EIA 1210)
4516
(EIA 1806)
4532
(EIA 1812)
L
1.00
±0.10 1.60±0.15 2.00±0.20 3.20±0.20 3.20±0.20 4.50±0.25 4.50±0.25
W
0.50
±0.10 0.80±0.15 1.25±0.20 1.60±0.20 2.50±0.20 1.60±0.20 3.20±0.25
T
0.50
±0.10 0.80±0.15 0.90±0.20 1.10±0.20 1.30±0.20
1.0
±0.20
1.50
±0.25
E
0.25
±0.10 0.30±0.20 0.50±0.30 0.50±0.30 0.50±0.30 0.60±0.40 0.60±0.40
Unit: mm
Size
A
B
C
1005
0.40~0.60
1.60~2.60
0.40~0.70
1608
0.50~0.70
2.10~3.10
0.65~0.95
2012
1.00~1.20
3.00~4.00
0.80~1.10
3216
2.00~2.40
4.20~5.20
1.00~1.40
3225
2.10~2.30
4.20~5.20
2.20~2.50
4516
3.40~3.70
6.30~7.30
1.30~1.70
4532
3.40~3.70
6.30~7.30
2.90~3.20
Construction & Dimensions
Recommended Soldering Conditions
25
150
200
217
260
Pre-heating
Soldering
60~120 Second
≥30 Second
60~150 Second
Time (sec.)
L
T
E
E
W
Recommended Pad Layout



Html Pages

1 2 3 4 5 6 7