전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS27L4 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 TS27L4
상세설명  Very low power precision CMOS quad operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27L4 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button TS27L4 Datasheet HTML 6Page - STMicroelectronics TS27L4 Datasheet HTML 7Page - STMicroelectronics TS27L4 Datasheet HTML 8Page - STMicroelectronics TS27L4 Datasheet HTML 9Page - STMicroelectronics TS27L4 Datasheet HTML 10Page - STMicroelectronics TS27L4 Datasheet HTML 11Page - STMicroelectronics TS27L4 Datasheet HTML 12Page - STMicroelectronics TS27L4 Datasheet HTML 13Page - STMicroelectronics TS27L4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package information
TS27L4
10/15
5.1
DIP14 package information
Figure 15.
DIP14 package mechanical drawing
Table 4.
DIP14 package mechanical data
Dimensions
Ref.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.21
A1
0.38
0.015
A2
2.92
3.30
4.95
0.11
0.13
0.19
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.04
0.06
0.07
c
0.20
0.25
0.36
0.007
0.009
0.01
D
18.67
19.05
19.69
0.73
0.75
0.77
E
7.62
7.87
8.26
0.30
0.31
0.32
E1
6.10
6.35
7.11
0.24
0.25
0.28
e2.54
0.10
e1
15.24
0.60
eA
7.62
0.30
eB
10.92
0.43
L
2.92
3.30
3.81
0.11
0.13
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15