| 전자부품 데이터시트 검색엔진 |
|
NREAX331M10V8x75F 데이터시트(PDF) 4 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NREAX331M10V8x75F 데이터시트(HTML) 4 Page - NIC-Components Corp. |
|
4 / 6 page ![]() 4 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Taping Dimensions (mm) SPECIAL STRAIGHT LEAD TAPING TBST* Case Dia. (D φ) 5 6.3 8 Case Size 5x7 5x11 6.3x7 6.3x9 6.3x11 8x7.5 8x9 8x10.8 8x16 8x20 Dim. d φ ±0.05 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.6 0.6 0.6 H ±0.75 18.5 18.5 18.5 18.5 18.5 20.0 20.0 20.0 20.0 20.0 F +0.8 ~ -0.2 2.0 2.0 2.5 2.5 2.5 3.5 3.5 3.5 3.5 3.5 P ±1.0 12.7 ±0.2 P 0 12.7 ±0.2 P 1 5.1 5.1 5.1 5.1 5.1 4.6 4.6 4.6 4.6 4.6 P 2 6.35 ±1.0 W 18.0 ±0.5 W 0 11.5 min. W 1 9.0 ±0.5 W 2 0 ~ 2.5 H 0 16.0 ±0.5 I 1.0 max. D 0 φ 4.0 ±0.2 Δh 0 ±1.0 (at top of can) t 0.7 ±0.2 (not including lead) 1max t Δh P 2 P ∅D P 1 w 2 w 0 w 1.0 P 0 F S ∅D 0 ∅d W 1 H *Straight leads will extend from the based of the component to the edge of the carrier. The section of lead below the adhesive tape may be straight or formed. NRE-AX Series Miniature Aluminum Electrolytic Capacitors |