전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEXC 데이터시트(PDF) 3 Page - NIC-Components Corp.

부품명 NEXC
상세설명  V-Chip Memory Back-Up Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NIC [NIC-Components Corp.]
홈페이지  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEXC 데이터시트(HTML) 3 Page - NIC-Components Corp.

  NEXC Datasheet HTML 1Page - NIC-Components Corp. NEXC Datasheet HTML 2Page - NIC-Components Corp. NEXC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
V-Chip Memory Back-Up Capacitors
NEXC Series
CARRIER TAPE DIMENSIONS (mm)
Case Size
A
B
D
E
F
G
P
P
1
T
1
T
2
W
Quantity/Reel
10.5 x 5.5
11.4
13.0
1.55
1.75
11.5
-
4.0
16.0
0.4
6.0
24.0
1,000
10.5 x 8.5
11.4
13.0
1.55
1.75
11.5
-
4.0
16.0
0.4
8.4
24.0
500
16 x 9.5
18.0
20.0
1.55
1.75
14.2
28.4
4.0
24.0
0.5
10.0
32.0
200
21 x 10.5
23.0
25.0
1.55
1.75
20.2
40.4
4.0
32.0
0.5
12.0
44.0
150
Case Size
A ± 2.0
B ± 1.0
C ± 0.5
D ± 0.8
E ± 0.5
W
t
10.5 x 5.5
380
80.0
13.0
21.0
2.0
25.5
3.0
10.5 x 8.5
380
100.0
13.0
21.0
2.0
25.5
2.8
16 x 9.5
330
100.0
13.0
21.0
2.0
33.5
2.8
21 x 10.5
370
100.0
13.0
21.0
2.0
45.5
2.8
A
B
C
E
W
t
W
+
1.5
∅ +0.1/-
1.75
±
A
B
E
F
D
P
1
P
T
1
T
2
-
Feeding
REEL DIMENSIONS (mm)



Html Pages

1 2 3