| 전자부품 데이터시트 검색엔진 |
|
DS1216D 데이터시트(PDF) 13 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1216D 데이터시트(HTML) 13 Page - Dallas Semiconductor |
|
13 / 13 page ![]() DS1216 13 of 13 DS1216 28 SMARTWATCH PKG DIM MIN MAX MIN MAX A IN. 1.390 1.420 1.580 1.620 MM 35.31 36.07 40.13 41.14 B IN. 0.690 0.720 0.690 0.720 MM 17.53 18.29 17.53 18.29 C IN. 0.420 0.470 0.400 0.470 MM 10.67 11.94 10.16 11.94 D IN. 0.035 0.065 0.035 0.065 MM 0.89 1.65 0.89 1.65 E IN. 0.055 0.075 0.055 0.075 MM 1.39 1.90 1.39 1.90 F IN. 0.120 0.160 0.120 0.160 MM 3.04 4.06 3.04 4.06 G IN. 0.090 0.110 0.090 0.110 MM 2.29 2.79 2.29 2.79 H IN. 0.590 0.630 0.590 0.630 MM 14.99 16.00 14.99 16.00 J IN. 0.008 0.012 0.008 0.012 MM 0.20 0.30 0.20 0.30 K IN. 0.015 0.021 0.015 0.021 MM 0.38 0.53 0.38 0.53 L IN. 0.380 0.420 0.380 0.420 MM 9.65 10.67 9.65 10.67 28-PIN 32-PIN |