전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS3476L833 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 MS3476L833
상세설명  MIL-C 26482G Series II
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MS3476L833 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MS3476L833 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 9Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 10Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 11Page - List of Unclassifed Manufacturers MS3476L833 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIL-C 26482G Series II
64
Part number
Shells olive green
nickel
A Max
B Max
C
D Max
EF
8
8526-0708 8526-07N08
12.03
11.7 1.35
21 15.09
3.1
.474
.461
.053
.827
.594 .122
10
8526-07108526-07N10
15.01
11.7 1.35 24.2 18.26
3.1
.591
.461
.053
.953
.719 .122
12
8526-0712 8526-07N12
19.07
11.7 1.35 26.55 20.62
3.1
.751
.461
.053 1.045
.812 .122
14
8526-0714 8526-07N14
22.25
11.7 1.35
29 23.01
3.1
.876
.461
.053 1.142
.906 .122
16
8526-0716 8526-07N16
25.42
11.7 1.35 31.3 24.61
3.1
1.001
.461
.053 1.232
.969 .122
18
8526-0718 8526-07N18
28.6
11.7 1.35 33.7 26.97
3.1
1.126
.461
.053 1.327 1.062 .122
20
8526-0720 8526-07N20
31.77 14.35 2.15 36.9 29.36
3.1
1.251
.565
.085 1.453 1.156 .122
22
8526-0722 8526-07N22
34.95 14.35 2.15
40 31.75
3.1
1.376
.565
.085 1.575 1.250 .122
24
8526-0724 8526-07N24
38.12
15.2 2.15 43.3 34.92 3.75
1.501
.598
.085 1.705 1.375 .148
Shells A Max B Max C Max
D
E Max F Max
L1
L2
8
19
14.25
14.8
3.5
16.8
15
84
84
.748
.561
.583
.138
.661
.591
3.307
3.307
10
21.8
14.25
18
3.5
19.8
15
84
84
.858
.561
.709
.138
.78
.591
3.307
3.307
12
26.1
14.25
22.7
3.5
23.9
15
100
100
1.028
.561
.894
.138
.941
.591
3.937
3.937
14
29.3
14.25
25.9
3.5
27
15
100
100
1.154
.561
1.02
.138
1.063
.591
3.937
3.937
16
32.5
15
29
3.5
30.2
15
100
100
1.28
.591
1.142
.138
1.189
.591
3.937
3.937
18
35.3
15
32.2
3.5
33.4
15
100
100
1.39
.591
1.268
.138
1.315
.591
3.937
3.937
20
38.8
14.25
35.4
3.5
36.5
16.5
116
116
1.528
.561
1.394
.138
1.437
.65
4.567
4.567
22
42
15
38.6
3.5
39.8
16.5
116
116
1.654
.591
1.520
.138
1.567
.65
4.567
4.567
24
45.1
15.8
41.7
3.5
42.9
16.5
116
116
1.776
.622
1.642
.138
1.689
.65
4.567
4.567
shell size
08-10-12-14-16-18-20-22-24
plating
W - olive green cadmium
N - nickel
R - black anodized
cap type
28 - cap for plug
27 - cap for square flange receptacle
29 - cap for jam nut receptacle
basic series
852
28
R
10
Protective caps
shell size
08-10-12-14-16-18-20-22-24
plating
W - olive green cadmium
N - nickel
R - black anodized
cap type
02 - straight cable clamp
03 - elbow cable clamp
32 - backshell with shield termination and heatshrink sleeving
basic series
852
02
W
10
Light weight and special backshells
Caps for receptacle
Caps for plug
Dummy receptacle
Type 29
Type 27
L1
Type 28
ØD
F
4 Ø F
E
D
B
C
L2
L1
ØD
B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12