전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NSPR336AS 데이터시트(PDF) 2 Page - NICHIA CORPORATION

부품명 NSPR336AS
상세설명  SPECIFICATIONS FOR RED LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHIA [NICHIA CORPORATION]
홈페이지  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPR336AS 데이터시트(HTML) 2 Page - NICHIA CORPORATION

  NSPR336AS Datasheet HTML 1Page - NICHIA CORPORATION NSPR336AS Datasheet HTML 2Page - NICHIA CORPORATION NSPR336AS Datasheet HTML 3Page - NICHIA CORPORATION NSPR336AS Datasheet HTML 4Page - NICHIA CORPORATION NSPR336AS Datasheet HTML 5Page - NICHIA CORPORATION NSPR336AS Datasheet HTML 6Page - NICHIA CORPORATION NSPR336AS Datasheet HTML 7Page - NICHIA CORPORATION NSPR336AS Datasheet HTML 8Page - NICHIA CORPORATION NSPR336AS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NICHIA STS-DA1-1963 <Cat.No.111027>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
50
mA
Pulse Forward Current
IFP
150
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
127
mW
Operating Temperature
Topr
-30~85
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
100
°C
* Absolute Maximum Ratings at TA=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Unit
Forward Voltage
VF
IF=20mA
2.2
V
x
-
IF=20mA
0.700
-
Chromaticity Coordinate
y
-
IF=20mA
0.299
-
* Characteristics at TA=25°C.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com