| 전자부품 데이터시트 검색엔진 |
|
NNSW208C 데이터시트(PDF) 3 Page - NICHIA CORPORATION |
|
|
|||||||||||||||||||||||||||||
NNSW208C 데이터시트(HTML) 3 Page - NICHIA CORPORATION |
|
3 / 18 page ![]() NICHIA STS-DA1-2583E <Cat.No.130115> 2 RANKS Item Rank Min Max Unit Forward Voltage - 2.6 3.0 V Reverse Current - - 50 µA V840 8.40 8.55 V825 8.25 8.40 V810 8.10 8.25 V795 7.95 8.10 V780 7.80 7.95 V765 7.65 7.80 V750 7.50 7.65 V735 7.35 7.50 Luminous Flux V720 7.20 7.35 lm Color Ranks Rank Sa525 Rank Sa526 x 0.2760 0.2720 0.2770 0.2805 x 0.2805 0.2770 0.2820 0.2850 y 0.2530 0.2580 0.2650 0.2600 y 0.2600 0.2650 0.2720 0.2670 Rank Sa527 Rank Sa528 x 0.2800 0.2760 0.2805 0.2840 x 0.2840 0.2805 0.2850 0.2880 y 0.2480 0.2530 0.2600 0.2550 y 0.2550 0.2600 0.2670 0.2620 Rank Sa625 Rank Sa626 x 0.2850 0.2820 0.2865 0.2893 x 0.2893 0.2865 0.2910 0.2935 y 0.2670 0.2720 0.2795 0.2743 y 0.2743 0.2795 0.2870 0.2815 Rank Sa627 Rank Sa628 x 0.2880 0.2850 0.2893 0.2920 x 0.2920 0.2893 0.2935 0.2960 y 0.2620 0.2670 0.2743 0.2690 y 0.2690 0.2743 0.2815 0.2760 Rank Sbj25 Rank Sbj26 x 0.2935 0.2910 0.2950 0.2975 x 0.2975 0.2950 0.2990 0.3015 y 0.2815 0.2870 0.2940 0.2885 y 0.2885 0.2940 0.3010 0.2955 Rank Sbj27 Rank Sbj28 x 0.2960 0.2935 0.2975 0.3000 x 0.3000 0.2975 0.3015 0.3040 y 0.2760 0.2815 0.2885 0.2830 y 0.2830 0.2885 0.2955 0.2900 * Ranking at TA=25°C. * Forward Voltage Tolerance: ±0.04V * Luminous Flux Tolerance: ±7% * Chromaticity Coordinate Tolerance: ±0.005 * LEDs from the above ranks will be shipped. The rank combination ratio per shipment will be decided by Nichia. |