전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESMG100ESS183MP35S 데이터시트(PDF) 4 Page - Nippon Precision Circuits Inc

부품명 ESMG100ESS183MP35S
상세설명  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

ESMG100ESS183MP35S 데이터시트(HTML) 4 Page - Nippon Precision Circuits Inc

  ESMG100ESS183MP35S Datasheet HTML 1Page - Nippon Precision Circuits Inc ESMG100ESS183MP35S Datasheet HTML 2Page - Nippon Precision Circuits Inc ESMG100ESS183MP35S Datasheet HTML 3Page - Nippon Precision Circuits Inc ESMG100ESS183MP35S Datasheet HTML 4Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Downsized, 85C
CAT. No. E1001K
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
50
0.65
0.75
0.80
0.85
120
1.00
1.00
1.00
1.00
300
1.35
1.25
1.15
1.03
1k
1.75
1.50
1.30
1.05
10k
2.30
1.75
1.40
1.08
100k
2.50
1.80
1.50
1.08
Capacitance (mF)
Frequency (Hz)
1.0 to 4.7
10 to 47
100 to 1,000
2,200 to
50
0.95
0.92
0.81
0.77
120
1.00
1.00
1.00
1.00
300
1.03
1.07
1.17
1.16
1k
1.05
1.13
1.32
1.30
10k
1.08
1.19
1.45
1.41
100k
1.08
1.20
1.50
1.43
Rated Voltage (Vde)
Frequency (Hz)
6.3 to 50
63 to 100
160 to 250
315 to 450
(F5 to F18)
(F20, F22)
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
(4/4)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com